công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EP91MNR2 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC100EP91MNR2
Giải thích chi tiết về linh kiện  2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP91MNR2 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC100EP91MNR2 Datasheet HTML 2Page - ON Semiconductor MC100EP91MNR2 Datasheet HTML 3Page - ON Semiconductor MC100EP91MNR2 Datasheet HTML 4Page - ON Semiconductor MC100EP91MNR2 Datasheet HTML 5Page - ON Semiconductor MC100EP91MNR2 Datasheet HTML 6Page - ON Semiconductor MC100EP91MNR2 Datasheet HTML 7Page - ON Semiconductor MC100EP91MNR2 Datasheet HTML 8Page - ON Semiconductor MC100EP91MNR2 Datasheet HTML 9Page - ON Semiconductor MC100EP91MNR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC100EP91
http://onsemi.com
7
Application Information
All MC100EP91 inputs can accept LVPECL, LVTTL,
LVCMOS, HSTL, CML, or LVDS signal levels. The
limitations for differential input signal (LVDS, HSTL,
LVPECL, or CML) are the minimum input swing of 150 mV
and the maximum input swing of 3.0 V. Within these
conditions, the input voltage can range from VCC to GND.
Examples interfaces are illustrated below in a 50
W
environment (Z = 50
W)
VEE
GND
GND
VEE
Z
Z
VCC
VCC
GND
LVPECL
Driver
EP91
50 W
VTT = VCC − 2.0 V
50 W
D
D
VCC
VCC
LVDS
Driver
EP91
Z
Z
D
D
100 W
Figure 6. Standard LVPECL Interface
Z
Z
VCC
VCC
HSTL
Driver
EP91
50 W 50 W
D
D
GND
Z
Z
VCC
VCC
CML
Driver
EP91
50 W
VCC
50 W
D
D
Figure 7. Standard LVDS Interface
Figure 8. Standard HSTL Interface
Figure 9. Standard 50 W Load CML Interface
GND
VEE
GND
GND
VEE
GND
GND
VEE
GND
VEE
GND
GND
Z
VCC
VCC
LVTTL
Driver
EP91
D
D
1.5 V
Figure 10. Standard LVTTL Interface
Z
VCC
VCC
LVCMOS
Driver
EP91
D
D
Open
Figure 11. Standard LVCMOS Interface
(D will default to VCC/2 when left open.
A reference voltage of VCC/2 should be applied
to D input, if D is interfaced to CMOS signals.)
GND
(externally generated
reference voltage)


Số phần tương tự - MC100EP91MNR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EP91MNR2G ONSEMI-MC100EP91MNR2G Datasheet
181Kb / 10P
   Any Level Positive Input to NECL Output Translator
August, 2016 ??Rev. 6
More results

Mô tả tương tự - MC100EP91MNR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
NB100LVEP91 ONSEMI-NB100LVEP91_06 Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
MC100EP91 ONSEMI-MC100EP91_16 Datasheet
181Kb / 10P
   Any Level Positive Input to NECL Output Translator
August, 2016 ??Rev. 6
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
logo
Texas Instruments
SN74AUP1T32 TI-SN74AUP1T32 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT,3.3-V CMOS OUTPUT, 2-INPUT POSITIVE-OR GATE
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
MC100LVEL91 ONSEMI-MC100LVEL91_06 Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
logo
Texas Instruments
SN74AUP1T00 TI-SN74AUP1T00 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1T02 TI-SN74AUP1T02 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT,SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com