công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1067 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADM1067
Giải thích chi tiết về linh kiện  Super Sequencer with Open-Loop Margining DACs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1067 bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADM1067 Datasheet HTML 1Page - Analog Devices ADM1067 Datasheet HTML 2Page - Analog Devices ADM1067 Datasheet HTML 3Page - Analog Devices ADM1067 Datasheet HTML 4Page - Analog Devices ADM1067 Datasheet HTML 5Page - Analog Devices ADM1067 Datasheet HTML 6Page - Analog Devices ADM1067 Datasheet HTML 7Page - Analog Devices ADM1067 Datasheet HTML 8Page - Analog Devices ADM1067 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADM1067
Rev. B | Page 5 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Gain Error
1
%
Maximum Load Current (Source)
100
μA
Maximum Load Current (Sink)
100
μA
Maximum Load Capacitance
50
pF
Settling Time into 50 pF Load
2
μs
Load Regulation
2.5
mV
Per mA
PSRR
60
dB
DC
40
dB
100 mV step in 20 ns with 50 pF load
REFERENCE OUTPUT
Reference Output Voltage
2.043
2.048
2.053
V
No load
Load Regulation
−0.25
mV
Sourcing current, IDACnMAX =
−100 μA
0.25
mV
Sinking current, IDACnMAX = 100 μA
Minimum Load Capacitance
1
μF
Capacitor required for decoupling, stability
PSRR
60
dB
DC
PROGRAMMABLE DRIVER OUTPUTS
High Voltage (Charge Pump) Mode
(PDO1 to PDO6)
Output Impedance
500
VOH
11
12.5
14
V
IOH = 0
10.5
12
13.5
V
IOH = 1 μA
IOUTAVG
20
μA
2 V < VOH < 7 V
Standard (Digital Output) Mode
(PDO1 to PDO10)
VOH
2.4
V
VPU (pull-up to VDDCAP or VPn) = 2.7 V, IOH = 0.5 mA
4.5
V
VPU to VPn = 6.0 V, IOH = 0 mA
VPU
0.3
V
VPU ≤ 2.7 V, IOH = 0.5 mA
VOL
0
0.50
V
IOL = 20 mA
IOL2
20
mA
Maximum sink current per PDO pin
ISINK2
60
mA
Maximum total sink for all PDOs
RPULL-UP
16
20
29
Internal pull-up
ISOURCE (VPn)2
2
mA
Current load on any VPn pull-ups, that is, total source current
available through any number of PDO pull-up switches
configured onto any one
Three-State Output Leakage Current
10
μA
VPDO = 14.4 V
Oscillator Frequency
90
100
110
kHz
All on-chip time delays derived from this clock
DIGITAL INPUTS (VXn, A0, A1, MUP, MDN)
Input High Voltage, VIH
2.0
V
Maximum VIN = 5.5 V
Input Low Voltage, VIL
0.8
V
Maximum VIN = 5.5 V
Input High Current, IIH
−1
μA
VIN = 5.5 V
Input Low Current, IIL
1
μA
VIN = 0
Input Capacitance
5
pF
Programmable Pull-Down Current,
IPULL-DOWN
20
μA
VDDCAP = 4.75, TA = 25°C, if known logic state is required
SERIAL BUS DIGITAL INPUTS (SDA, SCL)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Output Low Voltage, VOL2
0.4
V
IOUT = −3.0 mA
SERIAL BUS TIMING
Clock Frequency, fSCLK
400
kHz
Bus Free Time, tBUF
4.7
μs
Start Setup Time, tSU;STA
4.7
μs
Start Hold Time, tHD;STA
4
μs
SCL Low Time, tLOW
4.7
μs


Số phần tương tự - ADM1067

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
ADM1060ARU AD-ADM1060ARU Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
   Communications System Supervisory/Sequencing Circuit
REV. B
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1062ACP AD-ADM1062ACP Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
More results

Mô tả tương tự - ADM1067

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
logo
Maxim Integrated Produc...
MAX34462 MAXIM-MAX34462 Datasheet
2Mb / 78P
   PMBus 16-Channel Monitor/Sequencer with Differential Inputs and Margining DACs
19-6785; Rev 0; 9/13
logo
Analog Devices
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com