công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG2188YCPZ-REEL7 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện ADG2188YCPZ-REEL7
Giải thích chi tiết về linh kiện  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG2188YCPZ-REEL7 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button ADG2188YCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 13Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADG2188
Rev. 0 | Page 10 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
NC
VDD
NC
NC
NC
NC
X7
X6
X3
X1
X0
NC
X5
X4
X2
VSS 1
2
3
4
5
6
7
8
32
31
30
29 28
27
26
25
24
23
22
21
20
19
18
17
9
1011
13141516
12
PIN 1
INDICATOR
ADG2188
8 × 8
TOP VIEW
(Not to Scale)
Exposed Paddle Soldered to VSS
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions1
Pin No.
Mnemonic
Description
1
VSS
Negative Power Supply in a Dual-Supply Application. For single-supply applications, this pin should be tied to GND.
2, 19 to 23
NC
No Connect.
3 to 8,
17, 18
X0 to X7
Can be inputs or outputs.
9 to 16
Y0 to Y7
Can be inputs or outputs.
24
VDD
Positive Power Supply Input.
25
VL
Logic Power Supply Input.
26
SDA
Digital I/O. Bidirectional open drain data line. External pull-up resistor required.
27
SCL
Digital Input, Serial Clock Line. Open drain input that is used in conjunction with SDA to clock data into the
device. External pull-up resistor required.
28
A0
Logic Input. Address pin that sets the least significant bit of the 7-bit slave address.
29
A1
Logic Input. Address pin that sets the second least significant bit of the 7-bit slave address.
30
A2
Logic Input. Address pin that sets the third least significant bit of the 7-bit slave address.
31
RESET
Active Low Logic Input. When this pin is low, all switches are open, and appropriate registers are cleared to 0.
32
GND
Ground. Reference point for all circuitry on the ADG2188.
1 It is recommended that the exposed paddle be soldered to VSS to improve heat dissipation and crosstalk.


Số phần tương tự - ADG2188YCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108BCPZ-HS-RL7 AD-ADG2108BCPZ-HS-RL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108BCPZ-R2 AD-ADG2108BCPZ-R2 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108BCPZ-REEL7 AD-ADG2108BCPZ-REEL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108YCPZ-HS-RL7 AD-ADG2108YCPZ-HS-RL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
More results

Mô tả tương tự - ADG2188YCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG2128 AD-ADG2128 Datasheet
759Kb / 28P
   IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
REV. A
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
logo
Mitel Networks Corporat...
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
   CMOS 8 x 4 Analog Switch Array
logo
Analog Devices
ADG2108 AD-ADG2108_15 Datasheet
494Kb / 28P
   Switch Array with Dual/Single Supplies
REV. B
logo
Mitel Networks Corporat...
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
   ISO-CMOS 8 x 16 Analog Switch Array
MT093 MITEL-MT093 Datasheet
51Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com