công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG2188YCPZ-REEL7 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADG2188YCPZ-REEL7
Giải thích chi tiết về linh kiện  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG2188YCPZ-REEL7 bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADG2188YCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG2188YCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADG2188
Rev. 0 | Page 5 of 28
VDD = +5 V ± 10% , VSS = −5 V ± 10% , VL = 5 V, GND = 0 V, all specifications TMIN to TMAX, unless otherwise noted.1
Table 2.
B Version
Y Version
Parameter
+25°C
−40°C to
+85°C
+25°C
−40°C to
+125°C
Unit
Conditions
ANALOG SWITCH
Analog Signal Range
VDD − 2 V
V max
On Resistance, RON
34
34
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VIN = VSS, IS = −10 mA
40
45
40
50
Ω max
50
50
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VIN = 0 V, IS = −10 mA
55
65
55
70
Ω max
66
66
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VIN = +1.4 V, IS = −10 mA
75
85
75
95
Ω max
On Resistance Matching
4.5
4.5
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VIN = VSS, IS = −10 mA
Between Channels, ∆RON
8
9
8
10
Ω max
On Resistance Flatness, RFLAT(ON)
17
17
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VIN = VSS to 0 V, IS = −10 mA
20
23
20
25
Ω max
34
34
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VIN = VSS to +1.4 V,
IS = −10 mA
42
45
42
48
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V, VSS = 5.5 V
Channel Off Leakage, IOFF
±0.03
±0.03
μA typ
VX = +4.5 V/−2 V, VY = −2 V/+4.5 V
Channel On Leakage, ION
±0.03
±0.03
μA typ
VX = VY = −2 V or +4.5 V
DYNAMIC CHARACTERISTICS2
COFF
6
6
pF typ
CON
9.5
9.5
pF typ
tON
170
170
ns typ
RL = 300 Ω, CL = 35 pF
200
215
200
220
ns max
tOFF
210
210
ns typ
RL = 300 Ω, CL = 35 pF
250
255
250
260
ns max
THD + N
0.04
0.04
% typ
RL = 10 kΩ, f = 20 Hz to 20 kHz, VS = 1 V p-p
PSRR
90
dB typ
f = 20 kHz; without decoupling; see Figure 24
−3 dB Bandwidth
300
300
MHz typ
Individual inputs to outputs
18
18
MHz typ
8 inputs to 1 output
Off Isolation
−66
−64
dB typ
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Channel-to-Channel Crosstalk
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Adjacent Channels
−62
−62
dB typ
Nonadjacent Channels
−79
−79
dB typ
Differential Gain
1.5
1.5
% typ
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Differential Phase
1.8
1.8
° typ
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Charge Injection
−3
−3
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF
LOGIC INPUTS (Ax, RESET)2
Input High Voltage, VINH
2.0
2.0
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Leakage Current, IIN
0.005
0.005
μA typ
±1
±1
μA max
Input Capacitance, CIN
7
7
pF typ
LOGIC INPUTS (SCL, SDA)2
Input High Voltage, VINH
0.7 VL
0.7 VL
V min
VL + 0.3
VL + 0.3
V max
Input Low Voltage, VINL
−0.3
−0.3
V min
0.3 VL
0.3 VL
V max
Input Leakage Current, IIN
0.005
0.005
μA typ
VIN = 0 V to VL
±1
±1
μA max


Số phần tương tự - ADG2188YCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108BCPZ-HS-RL7 AD-ADG2108BCPZ-HS-RL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108BCPZ-R2 AD-ADG2108BCPZ-R2 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108BCPZ-REEL7 AD-ADG2108BCPZ-REEL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108YCPZ-HS-RL7 AD-ADG2108YCPZ-HS-RL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
More results

Mô tả tương tự - ADG2188YCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG2128 AD-ADG2128 Datasheet
759Kb / 28P
   IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
REV. A
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
logo
Mitel Networks Corporat...
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
   CMOS 8 x 4 Analog Switch Array
logo
Analog Devices
ADG2108 AD-ADG2108_15 Datasheet
494Kb / 28P
   Switch Array with Dual/Single Supplies
REV. B
logo
Mitel Networks Corporat...
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
   ISO-CMOS 8 x 16 Analog Switch Array
MT093 MITEL-MT093 Datasheet
51Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com