công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG2128 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện ADG2128
Giải thích chi tiết về linh kiện  IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG2128 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button ADG2128 Datasheet HTML 5Page - Analog Devices ADG2128 Datasheet HTML 6Page - Analog Devices ADG2128 Datasheet HTML 7Page - Analog Devices ADG2128 Datasheet HTML 8Page - Analog Devices ADG2128 Datasheet HTML 9Page - Analog Devices ADG2128 Datasheet HTML 10Page - Analog Devices ADG2128 Datasheet HTML 11Page - Analog Devices ADG2128 Datasheet HTML 12Page - Analog Devices ADG2128 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADG2128
Rev. A | Page 9 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to VSS
15 V
VDD to GND
−0.3 V to +15 V
VSS to GND
+0.3 V to −7 V
VL to GND
−0.3 V to +7 V
Analog Inputs
VSS − 0.3 V to VDD + 0.3 V
Digital Inputs
−0.3 V to VL + 0.3 V or 30 mA,
whichever occurs first
Continuous Current
10 V on Input; Single Input
Connected to Single Output
65 mA
1 V on Input; Single Input
Connected to Single Output
90 mA
10 V on Input; Eight Inputs
Connected to Eight Outputs
25 mA
Operating Temperature Range
Industrial (B Version)
–40°C to +85°C
Automotive (Y Version)
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
32-Lead LFCSP_VQ
θJA Thermal Impedance
108.2°C/W
Reflow Soldering (Pb Free)
Peak Temperature
260°C (+0/–5)
Time at Peak Temperature
10 sec to 40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Số phần tương tự - ADG2128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG2128 AD-ADG2128_15 Datasheet
510Kb / 28P
   Switch Array With Dual/Single Supplies
REV. D
More results

Mô tả tương tự - ADG2128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG2188 AD-ADG2188 Datasheet
720Kb / 28P
   IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
logo
Mitel Networks Corporat...
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT093 MITEL-MT093 Datasheet
51Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8815 MITEL-MT8815 Datasheet
56Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
logo
Analog Devices
ADG2108 AD-ADG2108_15 Datasheet
494Kb / 28P
   Switch Array with Dual/Single Supplies
REV. B
ADG2128 AD-ADG2128_15 Datasheet
510Kb / 28P
   Switch Array With Dual/Single Supplies
REV. D
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
   8 x 12 Analog Switch Array
logo
Mitel Networks Corporat...
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com