công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG2128 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG2128
Giải thích chi tiết về linh kiện  IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG2128 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG2128 Datasheet HTML 1Page - Analog Devices ADG2128 Datasheet HTML 2Page - Analog Devices ADG2128 Datasheet HTML 3Page - Analog Devices ADG2128 Datasheet HTML 4Page - Analog Devices ADG2128 Datasheet HTML 5Page - Analog Devices ADG2128 Datasheet HTML 6Page - Analog Devices ADG2128 Datasheet HTML 7Page - Analog Devices ADG2128 Datasheet HTML 8Page - Analog Devices ADG2128 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
I2C® CMOS 8 × 12 Unbuffered Analog
Switch Array With Dual/Single Supplies
ADG2128
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
I2C-compatible interface
3.4 MHz high speed I2C option
32-lead LFCSP_VQ (5 mm × 5 mm)
Double-buffered input logic
Simultaneous update of multiple switches
Up to 300 MHz bandwidth
Fully specified at dual ±5 V/single +12 V operation
On resistance 35 Ω maximum
Low quiescent current < 20 μA
APPLICATIONS
AV switching in TV
Automotive infotainment
AV receivers
CCTV
Ultrasound applications
KVM switching
Telecom applications
Test equipment/instrumentation
PBX systems
GENERAL DESCRIPTION
The ADG2128 is an analog cross point switch with an
array size of 8 × 12. The switch array is arranged so that
there are eight columns by 12 rows, for a total of 96 switch
channels. The array is bidirectional, and the rows and columns
can be configured as either inputs or outputs. Each of the 96
switches can be addressed and configured through the I2C-
compatible interface. Standard, full speed, and high speed
(3.4 MHz) I2C interfaces are supported. Any simultaneous
switch combination is allowed. An additional feature of the
ADG2128 is that switches can be updated simultaneously,
using the LDSW command. In addition, a RESET option
allows all of the switch channels to be reset/off. At power-on,
all switches are in the off condition. The device is packaged
in a 32-lead, 5 mm × 5 mm LFCSP_VQ.
FUNCTIONAL BLOCK DIAGRAM
ADG2128
VDD
VSS
VL
SCL
SDA
X0 TO X11 (I/O)
8 × 12 SWITCH ARRAY
LDSW
96
1
96
1
INPUT
REGISTER
AND
7 TO 96
DECODER
LATCHES
LDSW
GND
A0
A1
A2
Y0 TO Y7 (I/O)
Figure 1.


Số phần tương tự - ADG2128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG2128 AD-ADG2128_15 Datasheet
510Kb / 28P
   Switch Array With Dual/Single Supplies
REV. D
More results

Mô tả tương tự - ADG2128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG2188 AD-ADG2188 Datasheet
720Kb / 28P
   IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
logo
Mitel Networks Corporat...
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT093 MITEL-MT093 Datasheet
51Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8815 MITEL-MT8815 Datasheet
56Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
logo
Analog Devices
ADG2108 AD-ADG2108_15 Datasheet
494Kb / 28P
   Switch Array with Dual/Single Supplies
REV. B
ADG2128 AD-ADG2128_15 Datasheet
510Kb / 28P
   Switch Array With Dual/Single Supplies
REV. D
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
   8 x 12 Analog Switch Array
logo
Mitel Networks Corporat...
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com