công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCMP670-1AUJ bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADCMP670-1AUJ
Giải thích chi tiết về linh kiện  Dual Comparators with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADCMP670-1AUJ bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADCMP670-1AUJ Datasheet HTML 1Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 2Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 3Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 4Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 5Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 6Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 7Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 8Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary Technical Data
ADCMP670
Rev. PrB | Page 5 of 14
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
Vs
−0.3V to +6V
INx
−0.3V to +6V
OUTx
−0.3V to +6V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
θJA Thermal Impedance, SC70
146°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Số phần tương tự - ADCMP670-1AUJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADCMP670-1YUJZ-RL7 AD-ADCMP670-1YUJZ-RL7 Datasheet
322Kb / 16P
   Dual Low Power 1.5% Comparator With 400 mV Reference
REV. 0
More results

Mô tả tương tự - ADCMP670-1AUJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADCMP341 AD-ADCMP341 Datasheet
148Kb / 13P
   Dual Comparators with 400mV Reference and programmable Hysteresis
Rev. PrD
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LTC1841 LINER-LTC1841_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1843 LINER-LTC1843_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com