công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCMP602BRMZ-REEL bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADCMP602BRMZ-REEL
Giải thích chi tiết về linh kiện  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADCMP602BRMZ-REEL bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button ADCMP602BRMZ-REEL Datasheet HTML 2Page - Analog Devices ADCMP602BRMZ-REEL Datasheet HTML 3Page - Analog Devices ADCMP602BRMZ-REEL Datasheet HTML 4Page - Analog Devices ADCMP602BRMZ-REEL Datasheet HTML 5Page - Analog Devices ADCMP602BRMZ-REEL Datasheet HTML 6Page - Analog Devices ADCMP602BRMZ-REEL Datasheet HTML 7Page - Analog Devices ADCMP602BRMZ-REEL Datasheet HTML 8Page - Analog Devices ADCMP602BRMZ-REEL Datasheet HTML 9Page - Analog Devices ADCMP602BRMZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Supply Voltages
Input Supply Voltage (VCCI to GND)
−0.5 V to +6.0 V
−0.5 V to +6.0 V
Output Supply Voltage
(VCCO to GND)
−6.0 V to +6.0 V
Positive Supply Differential
(VCCI − VCCO)
THERMAL RESISTANCE
Input Voltages
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Input Voltage
−0.5 V to VCCI + 0.5 V
Differential Input Voltage
±(VCCI + 0.5 V)
Table 4. Thermal Resistance
Maximum Input/Output Current
±50 mA
Shutdown Control Pin
Package Type
θJA1
Unit
Applied Voltage (HYS to GND)
−0.5 V to VCCO + 0.5 V
ADCMP600 SC70 5-Lead
426
°C/W
Maximum Input/Output Current
±50 mA
Latch/Hysteresis Control Pin
Applied Voltage (HYS to GND)
−0.5 V to VCCO + 0.5 V
Maximum Input/Output Current
±50 mA
Output Current
±50 mA
Temperature
Operating Temperature, Ambient
−40°C to +125°C
Operating Temperature, Junction
150°C
Storage Temperature Range
−65°C to +150°C
ADCMP600 SOT-23 5-Lead
302
°C/W
ADCMP601 SC70 6-Lead
426
°C/W
ADCMP602 MSOP 5-Lead
130
°C/W
1 Measurement in still air.
ESD CAUTION


Số phần tương tự - ADCMP602BRMZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADCMP602BRMZ-REEL AD-ADCMP602BRMZ-REEL Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP602BRMZ-REEL7 AD-ADCMP602BRMZ-REEL7 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
More results

Mô tả tương tự - ADCMP602BRMZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADCMP603 AD-ADCMP603 Datasheet
309Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608 AD-ADCMP608 Datasheet
246Kb / 16P
   Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Rev. PrA
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. 0
ADCMP606 AD-ADCMP606_07 Datasheet
372Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Rev. PrA
ADCMP606_0610 AD-ADCMP606_0610 Datasheet
348Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP604 AD-ADCMP604_07 Datasheet
392Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
AD8468 AD-AD8468 Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468WBKSZ AD-AD8468WBKSZ Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608BKSZ-REEL7 AD-ADCMP608BKSZ-REEL7 Datasheet
259Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com