công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NLAST9431 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện NLAST9431
Giải thích chi tiết về linh kiện  Low Voltage Single Supply Dual DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST9431 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  NLAST9431 Datasheet HTML 1Page - ON Semiconductor NLAST9431 Datasheet HTML 2Page - ON Semiconductor NLAST9431 Datasheet HTML 3Page - ON Semiconductor NLAST9431 Datasheet HTML 4Page - ON Semiconductor NLAST9431 Datasheet HTML 5Page - ON Semiconductor NLAST9431 Datasheet HTML 6Page - ON Semiconductor NLAST9431 Datasheet HTML 7Page - ON Semiconductor NLAST9431 Datasheet HTML 8Page - ON Semiconductor NLAST9431 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NLAST9431
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
*0.5 to )7.0
V
VIS
Analog Input Voltage (VNO or VCOM)
*0.5 ≤ VIS ≤ VCC )0.5
V
VIN
Digital Select Input Voltage
*0.5 ≤ VI ≤ )7.0
V
IIK
DC Current, Into or Out of Any Pin
$50
mA
PD
Power Dissipation in Still Air
QFN−16
TSSOP−16
800
450
mW
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL−94−VO (0.125 in)
ILATCH−UP
Latch−Up Performance
Above VCC and Below GND at 125°C (Note 1)
$300
mA
qJA
Thermal Resistance
QFN−16
TSSOP−16
80
164
°C/W
Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Extended exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute−maximum−rated conditions is
not implied. Functional operation should be restricted to the Recommended Operating Conditions.
1. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
VIN
Digital Select Input Voltage
GND
5.5
V
VIS
Analog Input Voltage (NC, NO, COM)
GND
VCC
V
TA
Operating Temperature Range
*55
)125
°C
tr, tf
Input Rise or Fall Time, SELECT
VCC = 3.3 V $ 0.3 V
VCC = 5.0 V $ 0.5 V
0
0
100
20
ns/V
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature
°C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time Junction Temperature
TIME, YEARS


Số phần tương tự - NLAST9431

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NLAST4051 ONSEMI-NLAST4051 Datasheet
126Kb / 16P
   Analog Multiplexer/ Demultiplexer
June, 2002 ??Rev. 2
NLAST4051 ONSEMI-NLAST4051 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
NLAST4051 ONSEMI-NLAST4051 Datasheet
116Kb / 12P
   Analog Multiplexer/ Demultiplexer
November, 2015 ??Rev. 5
NLAST4051D ONSEMI-NLAST4051D Datasheet
126Kb / 16P
   Analog Multiplexer/ Demultiplexer
June, 2002 ??Rev. 2
NLAST4051DR2 ONSEMI-NLAST4051DR2 Datasheet
126Kb / 16P
   Analog Multiplexer/ Demultiplexer
June, 2002 ??Rev. 2
More results

Mô tả tương tự - NLAST9431

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAS9431 ONSEMI-NLAS9431 Datasheet
111Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_05 Datasheet
147Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
February, 2005 ??Rev. 7
logo
Intersil Corporation
ISL43410IU INTERSIL-ISL43410IU Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410_06 Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com