công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX11014 bảng dữ liệu(PDF) 6 Page - Maxim Integrated Products

tên linh kiện MAX11014
Giải thích chi tiết về linh kiện  Automatic RF MESFET Amplifier Drain-Current Controllers
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11014 bảng dữ liệu(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11014 Datasheet HTML 2Page - Maxim Integrated Products MAX11014 Datasheet HTML 3Page - Maxim Integrated Products MAX11014 Datasheet HTML 4Page - Maxim Integrated Products MAX11014 Datasheet HTML 5Page - Maxim Integrated Products MAX11014 Datasheet HTML 6Page - Maxim Integrated Products MAX11014 Datasheet HTML 7Page - Maxim Integrated Products MAX11014 Datasheet HTML 8Page - Maxim Integrated Products MAX11014 Datasheet HTML 9Page - Maxim Integrated Products MAX11014 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
Automatic RF MESFET Amplifier
Drain-Current Controllers
6
_______________________________________________________________________________________
SPI-INTERFACE TIMING CHARACTERISTICS
(Note 9) (See Figure 1.)
I2C-INTERFACE SLOW-/FAST-MODE TIMING CHARACTERISTICS
(Note 9) (See Figure 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Clock Period
tCP
40
ns
SCLK High Time
tCH
16
ns
SCLK Low Time
tCL
16
ns
DIN to SCLK Rise Setup Time
tDS
10
ns
DIN to SCLK Rise Hold Time
tDH
0ns
SCLK Fall to DOUT Transition
tDO
CL = 30pF
20
ns
CS Fall to DOUT Enable
tDV
CL = 30pF (Note 3)
40
ns
CS Rise to DOUT Disable
tTR
CL = 30pF (Note 10)
40
ns
CS Rise or Fall to SCLK Rise
tCSS
10
ns
CS Pulse-Width High
tCSW
(Note 3)
40
ns
Last SCLK Rise to
CS Rise
tCSH
(Note 3)
0
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between a STOP
and START Condition
tBUF
1.3
µs
Hold Time (Repeated) for START
Condition
tHD;STA
After this period, the first clock
pulse is generated
0.6
µs
Setup Time for a Repeated START
Condition
tSU;STA
0.6
µs
SCL Pulse-Width Low
tLOW
1.3
µs
SCL Pulse-Width High
tHIGH
0.6
µs
Data Setup Time
tSU;DAT
100
ns
Data Hold Time
tHD;DAT
(Note 11)
0
0.9
µs
SDA, SCL Rise Time, Receiving
tR
(Notes 3, 12)
0
300
ns
SDA, SCL Fall Time, Receiving
tF
(Notes 3, 12)
0
300
ns
SDA Fall Time, Transmitting
tF
(Notes 3, 12, 13)
20 + 0.1 x CB
250
ns
Setup Time for STOP Condition
tSU;STO
0.6
µs
Capacitive Load for Each Bus Line
CB
(Notes 3, 14)
400
pF
Pulse Width of Spikes Suppressed
By the Input Filter
tSP
(Note 15)
50
ns


Số phần tương tự - MAX11014

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX11014 MAXIM-MAX11014 Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
MAX11014BGTM++ MAXIM-MAX11014BGTM+ Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
MAX11014 MAXIM-MAX11014_08 Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
More results

Mô tả tương tự - MAX11014

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX11014 MAXIM-MAX11014_08 Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
logo
Filtronic Compound Semi...
LMA116 FILTRONIC-LMA116 Datasheet
160Kb / 4P
   2-10GHz MESFET Amplifier
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
LMA184 FILTRONIC-LMA184 Datasheet
67Kb / 3P
   2-18 GHz MESFET Amplifier
LMA110A FILTRONIC-LMA110A Datasheet
80Kb / 3P
   .5-6 GHz MESFET Amplifier
LMA183 FILTRONIC-LMA183 Datasheet
64Kb / 3P
   2-18 GHz MESFET Amplifier
logo
Cree, Inc
CRF24010 CREE-CRF24010 Datasheet
745Kb / 10P
   10 W, SiC RF Power MESFET
CRF24060 CREE-CRF24060 Datasheet
637Kb / 10P
   60 W, SiC RF Power MESFET
CRF24010D CREE-CRF24010D Datasheet
843Kb / 8P
   10 W SiC RF Power MESFET Die
CRF24060D CREE-CRF24060D Datasheet
737Kb / 8P
   60 W SiC RF Power MESFET Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com