công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCB770 bảng dữ liệu(PDF) 1 Page - Sony Corporation

tên linh kiện MCB770
Giải thích chi tiết về linh kiện  2M-Pixel CMOS Camera Module with Autofocus Function for Mobile Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONY [Sony Corporation]
Trang chủ  http://www.sony.co.jp
Logo SONY - Sony Corporation

MCB770 bảng dữ liệu(HTML) 1 Page - Sony Corporation

  MCB770 Datasheet HTML 1Page - Sony Corporation MCB770 Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2M-Pixel CMOS Camera Module with Autofocus Function for Mobile Equipment
MCB770
I
3-element, 3-group glass lens with AF
function
I
CMOS sensor with 2.01M camera
block effective pixels
I
Supports both uncompressed moving
picture and JPEG compressed still im-
age data formats
I
Image expression capabilities based
on the AE and AWB technologies used
in dedicated digital still cameras
Based on Sony’s experience introducing 1.3M-pixel CCD camera mod-
ules to the marketplace, Sony has embarked on efforts to respond to
customer desires for increased pixel counts, improved functionality,
reduced power consumption, and further miniaturization and lower
mounting heights in CCD camera modules.
The MCB770 introduced here is a new product that responds to these
desires with newly-developed technologies such as a 2M-pixel CMOS
sensor and an AF function that can handle a wide range of camera to
subject distances.
This product adopts many ideas from the dedicated digital still cam-
era, which has acquired wide support in the image creation areas, to
achieve a balanced and rich set of image expression capabilities.
VOICE
This newly-developed camera
module was made possible by the
persistence of each of the persons
in charge of the various compo-
nents; the lens, sensor, DSP,
mechanism, mounting, image
quality, and plant. Our idea was to
provide more freedom and more
fun to users, we wanted our users
to experience the pleasure of be-
ing able to photograph the things
around them freely and easily. We
are committed to continuing to
develop products to the best of
our ability.
High-Performance Lens with
Wide Distance Range AF
Function
The MCB770 includes an AF system for
the first time in a Sony camera module
product. This AF system focuses over a
wide range of distances from 10 cm, a dis-
tance selected specifically for imaging QR
codes, to infinity. It also includes a focus
point prediction function to improve fo-
cusing performance. In addition to an AF
control system that takes advantage of
Sony’s experience in dedicated digital still
cameras, it also adopts a linear method.
This made it possible to create a minia-
ture low-power AF system optimal for a
camera module. The MCB770 also sup-
ports manual focus.
Sony achieved low TV distortion and high
resolution performance by combining a
lens design optimized in conjunction with
the sensor structure with a 3-element,
3-group glass lens.
High Picture Quality CMOS
Sensor for Mobile Equipment
The MCB770 includes the IMX011CQ*
diagonal 5.97 mm (Type 1/3.0) 2.13M
total pixels primary color progressive scan
CMOS sensor that was designed at the
same time as the MCB770. This device
was designed for use in mobile equipment
and achieves the high-speed progressive
scan of all pixels at 15 frames/s and the
same high picture quality as CCD sensors.
While it goes without saying that this de-
vice uses Sony’s know-how developed
over many years of CCD development as
a foundation, this device also features fur-
ther optimization of the pixel layout and
on-chip microlenses.
* IMX011CQ: See CX-NEWS Vol. 40.
Newly-Developed DSP for
Natural Image Rendition and
High-Generality Interface
The MCB770 provides three formats: draft
mode, which is intended for preview mov-
ing picture, uncompressed capture mode
for moving picture recording, and JPEG
capture mode for still images. The
MCB770 supports flexible end product
design by providing a variety of image
sizes in each of these modes.
The MCB770 provides rich image expres-
sion that will not betray our customers’
hopes for image creation. The AE and
AWB algorithms implemented in the
newly-developed DSP are based on con-
cepts from dedicated digital still cameras
and take into account the functional
balance required in a camera module. The
MCB770 thus provides imaging perfor-
mance in difficult conditions that is
equivalent to that of dedicated digital still
cameras. Furthermore, the MCB770 pro-
vides a scene selection function that can
set optimal condition for the camera mod-
ule simply by selecting a scene mode that
matches the scene being imaged.


Số phần tương tự - MCB770

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Stackpole Electronics, ...
MCB7 SEI-MCB7 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
MCB7JB33R0 SEI-MCB7JB33R0 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
MCB7JB3K32 SEI-MCB7JB3K32 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
MCB7JB56L0 SEI-MCB7JB56L0 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
MCB7JBR100 SEI-MCB7JBR100 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
More results

Mô tả tương tự - MCB770

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OmniVision Technologies...
OV16880 OMNIVISION-OV16880 Datasheet
2Mb / 2P
   16-Megapixel 1-Micron Pixel PureCel짰Plus-S Image Sensor with Phase Detection Autofocus for Slim Mobile Devices
logo
STMicroelectronics
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
   VGA Mobile Camera Module
IMG-524-P01 STMICROELECTRONICS-IMG-524-P01 Datasheet
63Kb / 3P
   VGA Mobile Camera Module
logo
ALPS ELECTRIC CO.,LTD.
SCKA ALPS-SCKA Datasheet
112Kb / 3P
   Connector for CMOS Camera Module
logo
National Semiconductor ...
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Molex Electronics Ltd.
0475780001 MOLEX6-0475780001 Datasheet
289Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, 6x6 Camera Module
logo
A1 PROs co., Ltd.
AH20AP A1PROS-AH20AP Datasheet
149Kb / 2P
   2.1Mega pixel Camera
logo
STMicroelectronics
VS6624 STMICROELECTRONICS-VS6624 Datasheet
1,017Kb / 100P
   1.3 Megapixel Mobile Camera Module
logo
A1 PROs co., Ltd.
AH13A A1PROS-AH13A Datasheet
166Kb / 2P
   1.3Mega pixel Camera
logo
Molex Electronics Ltd.
1050760001 MOLEX11-1050760001 Datasheet
200Kb / 4P
   Camera Socket for Mobile Phone, Bottom Contact, 7x7 Camera Module, Lead free
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com