công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FTR-P3 bảng dữ liệu(PDF) 1 Page - Fujitsu Component Limited.

tên linh kiện FTR-P3
Giải thích chi tiết về linh kiện  COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [Fujitsu Component Limited.]
Trang chủ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-P3 bảng dữ liệu(HTML) 1 Page - Fujitsu Component Limited.

  FTR-P3 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-P3 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-P3 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-P3 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-P3 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-P3 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-P3 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-P3 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-P3 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image

FTR-P3 SERIES
(a)
SeriesName
FTR-P3Series
(b)
ContactArrangement
C
:FormC
(c)
ContactGap
N
:0.3mmgap
P
:0.6mmgap
(d)
NominalCoilVoltage
009
:09VDC
00
:0VDC
02
:2VDC
(e)
ContactMaterial
W
:Silver-tinoxide-indium
(f)
CustomDesignation
Nil
:Standard(85˚C)
-01 :Hightemperature(125˚C)
-05 :Hightemperature(125˚C)andreflowable
n
FEATURES
l
Compactforhighdensitypackaging.
(65%volumeofpreviousgenerationFBR5/52Series).
l
Highcontactcapacitywithprovencontactmaterial.
(100,000operations,14V,25Aachieved,evenwithreducedsize).
l
125˚Cversionisavailable.
l
Surfacemountcompatibleversion(reflowable)isavailable.
l
Coilpowersavings
(600mWnominalachievedwithstate-of-the-artmagneticanalysis/
design).
l
EaseofPCBlayout
(allterminalsonperimeter,coilandcontactterminalsseparated).
l
Optionalover-voltagecircuitbreakingcapability
(0.6mmgap,contactourrepresentative).
l
Packagingforauto-insertion(tubepacking,30relays/tube).
l
RoHScompliantsincedatecode:0630
Pleaseseepage8formoreinformation
FTR-P3 Series
COMPACT POWER RELAY
1 POLE—25 A FOR AUTOMOTIVE APPLICATIONS
Note:Thepartnumberstampedontherelaycoverdoesnotinclude"FTR".
Example:Orderingpartnumber: FTR-P3CN02W
Stampedonpartnumber:P3CN02W
n
TYPICAL APPLICATIONS
Powerwindow
Powerseat
Tiltsteering
Doorlock
Wiper/IWW
Retractableantenna
Sunroof
FTR-P3 C N02W***
[Example]
(a)
(b) (c) (d)(e)(f)
n
ORDERING INFORMATION
RoHS compliant


Số phần tương tự - FTR-P3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FTR-P3 FUJITSU-FTR-P3 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3CN009W1 FUJITSU-FTR-P3CN009W1 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3CN009W1-01 FUJITSU-FTR-P3CN009W1-01 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3CN009W1-05 FUJITSU-FTR-P3CN009W1-05 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3CN009W1-06 FUJITSU-FTR-P3CN009W1-06 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
More results

Mô tả tương tự - FTR-P3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51ND12 FUJITSU-FBR51ND12 Datasheet
77Kb / 8P
   COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FBR161 FUJITSU-FBR161 Datasheet
469Kb / 6P
   POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com