công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTV1-2PAL6104 bảng dữ liệu(PDF) 1 Page - ITT Industries |
|
MTV1-2PAL6104 bảng dữ liệu(HTML) 1 Page - ITT Industries |
1 / 6 page Microstrips .050" Contact Spacing MT 48 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change The Cannon Microstrips provide an extremely dense and reliable interconnection solution in a minimum profile package, giving great appli- cation flexibility. Available with latches or guide pins, Microstrips are frequently found in board-to-wire applications where high reliabili- ty is a primary concern. Three termination styles are available: solder cup, pigtail, harness, or printed circuit leads. The MicroPin Contact System assures maxi- mum performance in a minimum package. Product Features • High Performance MicroPin Contact System • High-density .050” contact spacing • Pre-wired for ease of installation • Fully potted wire terminations • Guide pins for alignment and polarizing • Quick-disconnect latches • 3 Amp current rating • Precision crimp terminations • Solder cup, pigtail or printed circuit terminations • Surface mount leads Specifications Current Rating 3 Amps max Dielectric Withstanding Voltage 900 VAC @ sea level; 300 VAC @ 70,000 feet altitude Insulation Resistance 5000 megohms min. Contact Resistance 8 milliohms max. Operating Temperature MTV polyester -56°C to +125°C; MTB diallyl phthalate -55°C to +150°C Durability 500 cycles min. Shock/Vibration 50 G’s/20 G’s Connector Mating Force (8 oz.) x (# of contacts) Latch Retention 5 lbs. min. Wire Size #26 AWG insulated wire, #25 AWG uninsulated solid wire. MT strips will also accommodate #24 AWG through #32 AWG. For other wiring options contact the factory for ordering information. General Performance requirements in accordance with MIL-DTL-83513 Materials and Finishes Insulator MTV: Glass-filled polyester per MIL-M-24519; MTB: Glass-filled diallyl phthalate per MIL-M-14 Contact Copper Alloy per MIL-C-83513 Contact Finish 50 Microinches Min. Gold Plated per MIL-G-45204 Insulated Wire #26 AWG. 19/38 Stranded, silver-plated copper, TFE Teflon insulation per MIL-W-16878/4 Uninsulated Solid Wire #25 AWG gold-plated copper per QQ-W-343 Potting Material/Contact Encapsulant Epoxy Latch 300 series stainless steel, passivated MicroPin Contact System The Cannon MicroPin Contact System offers uncompromised performance in downsized interconnects. The beryllium copper pin contact is fully recessed in the insulator, assuring positive contact alignment and robust performance. The socket contact is precision machined from high strength copper alloy and features a smooth lead-in chamfer. The MicroPin features seven points of electrical contact. This contact system assures high normal force, excellent wipe and superior shock and vibration performance. SLEEVE WIRE WIRE CRIMP |
Số phần tương tự - MTV1-2PAL6104 |
|
Mô tả tương tự - MTV1-2PAL6104 |