công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LV5X bảng dữ liệu(PDF) 2 Page - Microchip Technology

tên linh kiện PIC16LV5X
Giải thích chi tiết về linh kiện  EPROM-Based 8-Bit CMOS Microcontroller Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LV5X bảng dữ liệu(HTML) 2 Page - Microchip Technology

  PIC16LV5X Datasheet HTML 1Page - Microchip Technology PIC16LV5X Datasheet HTML 2Page - Microchip Technology PIC16LV5X Datasheet HTML 3Page - Microchip Technology PIC16LV5X Datasheet HTML 4Page - Microchip Technology PIC16LV5X Datasheet HTML 5Page - Microchip Technology PIC16LV5X Datasheet HTML 6Page - Microchip Technology PIC16LV5X Datasheet HTML 7Page - Microchip Technology PIC16LV5X Datasheet HTML 8Page - Microchip Technology PIC16LV5X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Enhanced PIC16LV5X
DS40121A-page 2
Advanced Information
© 1996 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The Enhanced PIC16LV5X from Microchip Technology
is a family of low-cost, high performance, 8-bit, fully
static, EPROM-based CMOS microcontrollers. This
family is pin and software compatible with the
PIC16LV5X family of devices in a new enhanced
process technology. It employs a RISC architecture
with only 33 single word/single cycle instructions. All
instructions are single cycle (2
µs) except for program
branches which take two cycles. The Enhanced
PIC16LV5X delivers performance an order of magni-
tude higher than its competitors in the same price cat-
egory.
The
12-bit
wide
instructions
are
highly
symmetrical resulting in 2:1 code compression over
other 8-bit microcontrollers in its class. The easy to use
and easy to remember instruction set reduces
development time significantly.
The Enhanced PIC16LV5X products are equipped with
special features that reduce system cost and power
requirements. The Power-On Reset (POR) and Device
Reset Timer (DRT) eliminate the need for external
reset circuitry. There are three oscillator configurations
to choose from, including the power-saving LP (Low
Power) oscillator and cost saving RC oscillator. Power
saving SLEEP mode, Watchdog Timer and code
protection features improve system cost, power and
reliability.
The UV erasable CERDIP packaged versions are ideal
for
code
development,
while
the
cost-effective
One-Time-Programmable (OTP) versions are suitable
for production in any volume. The customer can take
full advantage of Microchip’s price leadership in OTP
microcontrollers while benefiting from the OTP’s
flexibility.
The Enhanced PIC16LV5X products are supported by
a full-featured macro assembler, a software simulator,
an in-circuit emulator, a ‘C’ compiler, fuzzy logic sup-
port tools, a low-cost development programmer, and a
full featured programmer. All the tools are supported on
IBM® PC and compatible machines.
1.1
Applications
The Enhanced PIC16LV5X series fits perfectly in appli-
cations such as low-power remote transmitters/receiv-
ers and pointing devices. The EPROM technology
makes customizing application programs (transmitter
codes, receiver frequencies, etc.) extremely fast and
convenient. The small footprint packages, for through
hole or surface mounting, make this microcontroller
series perfect for applications with space limitations.
Low-cost, low-power, high performance, ease of use
and I/O flexibility make the Enhanced PIC16LV5X
series very versatile even in areas where no microcon-
troller use has been considered before (e.g., timer
functions, replacement of “glue” logic in larger systems,
coprocessor applications).
This document was created with FrameMaker404


Số phần tương tự - PIC16LV5X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
PIC16LV54A-02/P MICROCHIP-PIC16LV54A-02/P Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02/SO MICROCHIP-PIC16LV54A-02/SO Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02/SS MICROCHIP-PIC16LV54A-02/SS Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02I/P MICROCHIP-PIC16LV54A-02I/P Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02I/SO MICROCHIP-PIC16LV54A-02I/SO Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
More results

Mô tả tương tự - PIC16LV5X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com