công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF4360-5 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
ADF4360-5 bảng dữ liệu(HTML) 4 Page - Analog Devices |
4 / 20 page ADL5370 Rev. 0 | Page 4 of 20 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating Supply Voltage VPOS 5.5 V IBBP, IBBN, QBBP, QBBN 0 V to 2 V LOIP and LOIN 13 dBm Internal Power Dissipation 1375 mW θJA (Exposed Paddle Soldered Down) 54°C/W Maximum Junction Temperature 159°C Operating Temperature Range −40°C to +85°C Storage Temperature Range −65°C to +150°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Số phần tương tự - ADF4360-5 |
|
Mô tả tương tự - ADF4360-5 |