công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTB1-16PL101 bảng dữ liệu(PDF) 5 Page - ITT Industries |
|
MTB1-16PL101 bảng dữ liệu(HTML) 5 Page - ITT Industries |
5 / 6 page Polarization 52 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Microminiature Strip - .100/.050" Contact Spacing MT Modification code "-01" in the part number refers to guide posts located on both ends of the socket side of the 50-MIL STRIP connector and empty cavities on the pin side to accept the guide posts. Although in many cases it is not necessary to polarize 50-MIL STRIP connectors, there are several ways to prevent cross plugging. One method is the use of guide posts that can be located in specified cavities to assure that the contacts will align when these post are positioned before mating. MTB1 and MTV1 - .050 (1.27) Contact Centers Receptacle Plug .200 ± .010 (5.08 ± 0.25) .032 ± .003 (0.81 ± 0.08) DIA. .126 ± .005 (3.20 ± 0.13) .100 ± .005 (2.54 ± 0.13) LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY) .050 (1.27) TYP. A A CAVITY #1 CAVITY #1 CAVITY #1 .283 ± .005 (7.19 ± 0.13) LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY) CAVITY #1 .070 ± .005 (1.78 ± 0.13): MTV .080 ± .005 (2.03 ± 0.13): MTB .070 ± .005 (1.78 ± 0.13): MTV .080 ± .005 (2.03 ± 0.13): MTB .050 (1.27) TYP. NOTE: MTB1 available in up to 120 contacts. Part Number by Size MT*1-1** MT*1-2** MT*1-3** MT*1-4** MT*1-5** MT*1-6** MT*1-7** MT*1-8** MT*1-9** MT*1-10** MT*1-11** MT*1-12** MT*1-13** MT*1-14** MT*1-15** MT*1-16** MT*1-17** MT*1-18** MT*1-19** MT*1-20** .070 (1.78) .120 (3.05) .170 (4.32) .220 (5.59) .270 (6.85) .320 (8.13) .370 (9.40) .420 (10.67) .470 (11.94) .520 (13.60) .570 (14.48) .620 (15.75) .670 (17.02) .720 (18.29) .770 (19.56) .820 (20.83) .870 (22.10) .920 (23.37) .970 (24.64) 1.020 (25.91) 1.070 (27.18) 1.120 (28.45) 1.170 (29.72) 1.220 (30.99) 1.270 (32.36) 1.320 (33.53) 1.370 (34.80) 1.420 (36.07) 1.470 (37.34) 1.520 (38.61) 1.570 (39.88) 1.620 (41.15) 1.670 (42.42) 1.720 (43.69) 1.770 (44.96) 1.820 (46.23) 1.870 (47.50) 1.920 (48.77) 1.970 (50.04) 2.020 (51.31) 2.070 (52.58) 2.120 (53.85) 2.170 (55.12) 2.220 (56.39) 2.270 (57.66) 2.320 (58.93) 2.370 (60.20) 2.420 (61.47) 2.470 (62.74) 2.520 (64.01) 2.570 (65.28) 2.620 (66.55) 2.670 (67.82) 2.720 (69.09) 2.770 (70.36) 2.820 (71.63) 2.870 (72.90) 2.920 (74.17) 2.970 (75.44) 3.020 (76.71) 3.070 (77.98) 3.120 (79.25) 3.170 (80.52) 3.220 (81.79) 3.270 (83.06) 3.320 (84.33) 3.370 (85.60) 3.420 (86.87) 3.470 (88.14) 3.520 (89.41) 3.570 (90.68) 3.620 (91.95) 3.670 (93.22) 3.720 (94.49) 3.770 (95.76) 3.820 (97.03) 3.870 (98.30) 3.920 (99.57) 3.970 (100.84) 4.020 (102.11) 4.070 (103.38) 4.120 (104.65) 4.170 (105.92) 4.220 (107.19) 4.270 (108.46) 4.320 (109.73) 4.370 (111.00) 4.420 (112.27) 4.470 (113.54) 4.520 (114.81) 4.570 (116.08) 4.620 (117.35) 4.670 (118.62) 4.720 (119.89) 4.770 (121.16) 4.820 (122.43) 4.870 (123.70) 4.920 (124.97) 4.970 (126.24) 5.020 (127.50) 5.070 (128.78) 5.120 (130.05) 5.170 (131.32) 5.220 (132.59) 5.270 (133.86) 5.320 (135.13) 5.370 (136.40) 5.420 (137.67) 5.470 (138.94) 5.520 (140.21) 5.570 (141.48) 5.620 (142.75) 5.670 (144.02) 5.720 (145.29) 5.770 (146.56) 5.820 (147.83) 5.870 (149.10) 5.920 (150.37) 5.970 (151.64) 6.020 (152.91) MT*1-21** MT*1-22** MT*1-23** MT*1-24** MT*1-25** MT*1-26** MT*1-27** MT*1-28** MT*1-29** MT*1-30** MT*1-31** MT*1-32** MT*1-33** MT*1-34** MT*1-35** MT*1-36** MT*1-37** MT*1-38** MT*1-39** MT*1-40** MT*1-41** MT*1-42** MT*1-43** MT*1-44** MT*1-45** MT*1-46** MT*1-47** MT*1-48** MT*1-49** MT*1-50** MT*1-51** MT*1-52** MT*1-53** MT*1-54** MT*1-55** MT*1-56** MT*1-57** MT*1-58** MT*1-59** MT*1-60** MT*1-61** MT*1-62** MT*1-63** MT*1-64** MT*1-65** MT*1-66** MT*1-67** MT*1-68** MT*1-69** MT*1-70** MT*1-71** MT*1-72** MT*1-73** MT*1-74** MT*1-75** MT*1-76** MT*1-77** MT*1-78** MT*1-79** MT*1-80** MT*1-81** MT*1-82** MT*1-83** MT*1-84** MT*1-85** MT*1-86** MT*1-87** MT*1-88** MT*1-89** MT*1-90** MT*1-91** MT*1-92** MT*1-93** MT*1-94** MT*1-95** MT*1-96** MT*1-97** MT*1-98** MT*1-99** MT*1-100** MT*1-101** MT*1-102** MT*1-103** MT*1-104** MT*1-105** MT*1-106** MT*1-107** MT*1-108** MT*1-109** MT*1-110** MT*1-111** MT*1-112** MT*1-113** MT*1-114** MT*1-115** MT*1-116** MT*1-117** MT*1-118** MT*1-119** MT*1-120** Part Number by Size A ±.015 (0.38) A ±.015 (0.38) Part Number by Size A ±.015 (0.38) Part Number by Size A ±.015 (0.38) Part Number by Size A ±.015 (0.38) Part Number by Size A ±.015 (0.38) |
Số phần tương tự - MTB1-16PL101 |
|
Mô tả tương tự - MTB1-16PL101 |