công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13007X bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC13007X
Giải thích chi tiết về linh kiện  Monomax Black and White TV Subsystem
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13007X bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC13007X Datasheet HTML 2Page - Motorola, Inc MC13007X Datasheet HTML 3Page - Motorola, Inc MC13007X Datasheet HTML 4Page - Motorola, Inc MC13007X Datasheet HTML 5Page - Motorola, Inc MC13007X Datasheet HTML 6Page - Motorola, Inc MC13007X Datasheet HTML 7Page - Motorola, Inc MC13007X Datasheet HTML 8Page - Motorola, Inc MC13007X Datasheet HTML 9Page - Motorola, Inc MC13007X Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC13001X MC13007X
7
MOTOROLA ANALOG IC DEVICE DATA
The period during which sync can reset the counter and
cause flyback is determined by the window control which
defines a count range during which the gate is open. One of
two ranges is selected according to the condition of the
signal. The normal “narrow” range is 514 to 526 counts for a
525 line system and is selected after the coincidence
detector indicates that the reset is coincident, twice in
succession, with the 525 count from the counter. When the
detector indicates non–coincidence 8 times in succession,
then the window control switches to the “wide” mode (384 to
544 counts) to achieve rapid re–synchronization. For the 625
line version the counts are 614 to 626 for narrow mode and
484 to 644 for wide mode. Note that the OR gate after the
sync gate is used to terminate the count at the end of the
respective window if a sync pulse has not appeared.
This method accepts nonstandard signals almost in the
same way as a conventional triggered RC oscillator and has
a similar fast lock–in time. However, the use of a window
control on the counter reset ensures that when locked with a
normal standard broadcast signal the counter will reject most
spurious noise pulse.
The blanking output is provided from a latch which is set by
the counter reset pulse and terminated by count 20 from the
counter chain.
7.0 V
6.0 V
–2.5 V
2.0 V
0 V
–4.0 V
500 mV pp
1.0 V pp
23
20
22
21
Figure 10. Vertical Waveforms
Power Supply
The power supply regulator, although of simple design,
provides two independent power supplies – one for the
horizontal PLL section and the other for the remainder of the
chip. The supplies share the same reference voltage but
the design of the main regulator is such that it can be
switched on independently to give minimum loading on the
“bleed” voltage source during startup phase of a
defection–derived supply system.
+ VBL
RBL =
VBL – 8
4 x 10–3
Horizontal
Startup Bleed
Main
12 V Supply
IEXT
8.2 V to
External
Circuits
R6
RBL
18
19
8.2V to
All Monomax
Circuits Except
Horizontal
8.2 V to
Horizontal
System
R1
Q6
D1
Z1
Q7
Q1
Q4
R5
R4
Q2
R3
Q3
R2
Q5
D2
Figure 11. Power Supply Circuit
IEXT (mA)
< 5.0
R6 (Ω)
150
20
82
35
68


Số phần tương tự - MC13007X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
MC13017P MOTOROLA-MC13017P Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022ADW MOTOROLA-MC13022ADW Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
More results

Mô tả tương tự - MC13007X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TA7243P TOSHIBA-TA7243P Datasheet
133Kb / 7P
   TV SOUND IF AND AUDIO OUTPUT SUBSYSTEM
logo
NXP Semiconductors
TDA4503 PHILIPS-TDA4503 Datasheet
881Kb / 14P
   SMALL-SIGINAL COMBINATION IC FOR BLACK-AND-WHITE TV
November 1984
logo
STMicroelectronics
TEA2015A STMICROELECTRONICS-TEA2015A Datasheet
525Kb / 16P
   VERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS
logo
List of Unclassifed Man...
TBA1440G ETC1-TBA1440G Datasheet
201Kb / 6P
   VIDEO IF IC FOR BLACK / WHITE AND COLOR TV SETS
CD7678CP ETC2-CD7678CP Datasheet
259Kb / 8P
   Black and white TV image sound system signal processing circuit
logo
NTE Electronics
NTE7018 NTE-NTE7018 Datasheet
45Kb / 6P
   Integrated Circuit Small-Signal Subsystem for Color TV
logo
NXP Semiconductors
TDA8303 PHILIPS-TDA8303 Datasheet
153Kb / 21P
   Small signal combination IC for black/white TV
July 1992
logo
CML Microcircuits
FX651 CMLMICRO-FX651 Datasheet
461Kb / 16P
   SPM and Security Subsystem
logo
KEC(Korea Electronics)
KTC3206 KEC-KTC3206 Datasheet
438Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAGE SWITCHING)
logo
Toshiba Semiconductor
2SC2229 TOSHIBA-2SC2229 Datasheet
189Kb / 3P
   TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAHE SWITCHING, DRIVER STAGE AUDIO AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com