công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM-110C1-315 bảng dữ liệu(PDF) 4 Page - rfsolutions.ltd

tên linh kiện AM-110C1-315
Giải thích chi tiết về linh kiện  RF RECEIVER DECODER HYBRID.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFSOLUTIONS [rfsolutions.ltd]
Trang chủ  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-110C1-315 bảng dữ liệu(HTML) 4 Page - rfsolutions.ltd

  AM-110C1-315 Datasheet HTML 1Page - rfsolutions.ltd AM-110C1-315 Datasheet HTML 2Page - rfsolutions.ltd AM-110C1-315 Datasheet HTML 3Page - rfsolutions.ltd AM-110C1-315 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS097-5
Feb ‘02
©2002 REG No 277 4001, England.
Page 4
RF RECEIVER DECODER HYBRID.
AM-HIRK
Absolute Maximum Ratings
Supply Voltage (+5Vcc to GND)..........................................-0.3 to + 6 Volts.
Storage Temperature..........................................................-30 to +85
o Celsius.
Operating Temperature....................................................... 0 to +70
o Celsius.
Technical Specification
Ambient temperature = 25
o Celsius.
Electrical Specification
Min
Typical
Max
Dimension
Note
Supply Voltage
4.5
5.0
5.5
V
Supply Current (quiescent)
6
mA
Receiver Frequency
315.0
MHz
Receiver Frequency
433.92
MHz
Working Frequency
(custom Frequencies Available)
200
450
MHz
Please contact
Sales Dept
Turn on Time
20
mSecs
-3dB Bandwidth
+/- 400
KHz
R.F Sensitivity (100% AM)
-106
dBm
Level of Emitted Spectrum
-70
-70
dBm
Data output: (any data output)
Logic Low
0
0.2
0.8
V
I out = 10mA
Logic High
3.5
3.8
5
V
I out = 10mA
Data output: (any data output)
Logic Low
-25
mA
Logic High
10
mA
EMC Compliance
Complies to ETS300-220
Part Numbering
PART No
DESCRIPTION
Compatible Transmitter encoder
Range**
(metres)
AM-HiRK-315
AM Superhet Rx Decoder
AM-110C1-315 (1 - 3 sw version)
50
AM-HiRK-433
AM Superhet Rx Decoder
AM-110C1-433 (1 - 3 sw version)
100
** Range quoted is optimum in line of sight without interference. In noisy built up areas this can be reduced
by over 50%
For more information or general enquiries, please call;
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street,
Lewes,
E Sussex, BN8 6JL. England.
Tel +44 (0)1273 898 000. Fax +44 (0)1273 480 661.
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.


Số phần tương tự - AM-110C1-315

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AM-110C1-433 ETC2-AM-110C1-433 Datasheet
53Kb / 3P
   118 SERIES AM REMOTE CONTROL SYSTEMS.
More results

Mô tả tương tự - AM-110C1-315

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
logo
Filtronic Compound Semi...
MSR003 FILTRONIC-MSR003 Datasheet
67Kb / 2P
   HYBRID RECEIVER
MSR004 FILTRONIC-MSR004 Datasheet
68Kb / 2P
   HYBRID RECEIVER
logo
SamHop Microelectronics...
SM5038RF SAMHOP-SM5038RF Datasheet
40Kb / 8P
   RF DECODER
logo
National Semiconductor ...
LM1872 NSC-LM1872 Datasheet
371Kb / 20P
   Radio Control Receiver/Decoder
logo
List of Unclassifed Man...
HS9812R-PPM ETC1-HS9812R-PPM Datasheet
67Kb / 3P
   PPM MULTIPLEX RECEIVER/DECODER
logo
rfsolutions.ltd
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
SamHop Microelectronics...
SM5272B SAMHOP-SM5272B Datasheet
52Kb / 12P
   3 RF DECODER
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
   KH SERIES RECEIVER / DECODER DATA
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com