công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HEDS-9711 bảng dữ liệu(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HEDS-9711 bảng dữ liệu(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 8 page 3 Waveform Definition Iap Ibp Ibm Iam A B A B ANALOG DIGITAL P P S1 S2 S3 S4 Name Paramenter Definition Label Analog Peak The absolute value in µA of the magnitude of the Iap, Ibp, analog signal (i.e., one-sided reading). Iam, Ibm Analog Peak-to-Peak Ipp The peak-to-peak signal magnitude in µA of the Iapp analog signal. Ibpp Analog Offset Ioffset The offset in µA from the mid-point of the analog peak-to-peak signal to the zero current point. State Width State Width The number of electrical degrees between a transition State 1 in channel A and the neighboring transition in channel B. State 2 There are four states per cycle, each nominally 90 °e. State 3 The transitions are determined by where the analog State 4 signal crosses the Zero point. State Width Error State Width Error The deviation, in electrical degrees, of each state width from its ideal value of 90 °e. Pulse Width Pulse Width The number of electrical degrees that an analog output P is greater than zero during one cycle. This value is nominally 180 °e or 1/2 cycle. Pulse Width Error Pulse Width Error The deviation, in electrical degrees, of each pulse width from its ideal value of 180 °e. Electrical Characteristics Electrical Characteristics over Recommended Operating Range, Typical at 25 °C. Parameter Symbol Min. Typ. Max. Units Notes Supply Current ICC 17 40 mA |
Số phần tương tự - HEDS-9711 |
|
Mô tả tương tự - HEDS-9711 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |