công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29BDS64HE8VKI bảng dữ liệu(PDF) 3 Page - SPANSION

tên linh kiện AM29BDS64HE8VKI
Giải thích chi tiết về linh kiện  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS64HE8VKI bảng dữ liệu(HTML) 3 Page - SPANSION

  AM29BDS64HE8VKI Datasheet HTML 1Page - SPANSION AM29BDS64HE8VKI Datasheet HTML 2Page - SPANSION AM29BDS64HE8VKI Datasheet HTML 3Page - SPANSION AM29BDS64HE8VKI Datasheet HTML 4Page - SPANSION AM29BDS64HE8VKI Datasheet HTML 5Page - SPANSION AM29BDS64HE8VKI Datasheet HTML 6Page - SPANSION AM29BDS64HE8VKI Datasheet HTML 7Page - SPANSION AM29BDS64HE8VKI Datasheet HTML 8Page - SPANSION AM29BDS64HE8VKI Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
DATA SHEET
Publication# 27024
Rev: B Amendment: 3
Issue Date: May 10, 2006
Am29BDS128H/Am29BDS640H
128 or 64 Megabit (8 M or 4 M x 16-Bit)
CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Single 1.8 volt read, program and erase (1.65 to 1.95 volt)
■ Manufactured on 0.13 µm process technology
■ VersatileIO™ (VIO) Feature
— Device generates data output voltages and tolerates data
input voltages as determined by the voltage on the VIO pin
— 1.8V compatible I/O signals
■ Simultaneous Read/Write operation
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
— Four bank architecture:
128 Mb has 16/48/48/16 Mbit banks
64 Mb has 8/24/24/8 Mbit banks
■ Programable Burst Interface
— 2 Modes of Burst Read Operation
— Linear Burst: 8, 16, and 32 words with wrap-around
— Continuous Sequential Burst
■ SecSiTM (Secured Silicon) Sector region
— Up to 128 words accessible through a command sequence
— Up to 64 factory-locked words
— Up to 64 customer-lockable words
■ Sector Architecture
— Banks A and D each contain both 4 Kword sectors and 32
Kword sectors; Banks B and C contain ninety-six 32 Kword
sectors
— Sixteen 4 Kword boot sectors
Half of the boot sectors are at the top of the address range;
half are at the bottom of address range
■ Minimum 1 million erase cycle guarantee per sector
■ 20-year data retention at 125°C
— Reliable operation for the life of the system
■ 80-ball FBGA package (128 Mb) or 64-ball FBGA (64 Mb)
package
PERFORMANCE CHARCTERISTICS
■ Read access times at 75/66/54 MHz (CL=30 pF)
— Burst access times of 9.3/11/13.5 ns at industrial
temperature range
— Synchronous latency of 49/56/69 ns
— Asynchronous random access times of 45/50/55 ns
■ Power dissipation (typical values, CL = 30 pF)
— Burst Mode Read: 10 mA
— Simultaneous Operation: 25 mA
— Program/Erase: 15 mA
— Standby mode: 0.2 µA
HARDWARE FEATURES
■ Handshaking feature
— Provides host system with minimum possible latency by
monitoring RDY
— Reduced Wait-state handshaking option further reduces
initial access cycles required for burst accesses beginning on
even addresses
■ Hardware reset input (RESET#)
— Hardware method to reset the device for reading array data
■ WP# input
— Write protect (WP#) function allows protection of the four
highest and four lowest 4 kWord boot sectors, regardless of
sector protect status
■ Persistent Sector Protection
— A command sector protection method to lock combinations of
individual sectors and sector groups to prevent program or
erase operations within that sector
— Sectors can be locked and unlocked in-system at VCC level
■ Password Sector Protection
— A sophisticated sector protection method to lock
combinations of individual sectors and sector groups to
prevent program or erase operations within that sector using
a user-defined 64-bit password
■ ACC input: Acceleration function reduces programming
time; all sectors locked when ACC = VIL
■ CMOS compatible inputs, CMOS compatible outputs
■ Low VCC write inhibit
SOFTWARE FEATURES
■ Supports Common Flash Memory Interface (CFI)
■ Software command set compatible with JEDEC 42.4
standards
— Backwards compatible with Am29F and Am29LV families
■ Data# Polling and toggle bits
— Provides a software method of detecting program and erase
operation completion
■ Erase Suspend/Resume
— Suspends an erase operation to read data from, or program
data to, a sector that is not being erased, then resumes the
erase operation
■ Unlock Bypass Program command
— Reduces overall programming time when issuing multiple
program command sequences
■ Burst Suspend/Resume
— Suspends a burst operation to allow system use of the
address and data bus, than resumes the burst at the previous
state
The Am29BDS640H has been retired and is not recommended for designs. For new designs, S29WS064K supersedes Am29BDS640H. Please refer to the S29WS-K family data sheet for
specifications and ordering information. The Am29BDS128H is available and is not affected by this revision.


Số phần tương tự - AM29BDS64HE8VKI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS640GBC3WSI SPANSION-AM29BDS640GBC3WSI Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640GBC3WSI AMD-AM29BDS640GBC3WSI Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS640GBC4WSI SPANSION-AM29BDS640GBC4WSI Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

Mô tả tương tự - AM29BDS64HE8VKI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM29BDS128H AMD-AM29BDS128H Datasheet
1Mb / 89P
   128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com