công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2330USLBX bảng dữ liệu(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2330USLBX
Giải thích chi tiết về linh kiện  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2330USLBX bảng dữ liệu(HTML) 7 Page - National Semiconductor (TI)

Back Button LMX2330USLBX Datasheet HTML 3Page - National Semiconductor (TI) LMX2330USLBX Datasheet HTML 4Page - National Semiconductor (TI) LMX2330USLBX Datasheet HTML 5Page - National Semiconductor (TI) LMX2330USLBX Datasheet HTML 6Page - National Semiconductor (TI) LMX2330USLBX Datasheet HTML 7Page - National Semiconductor (TI) LMX2330USLBX Datasheet HTML 8Page - National Semiconductor (TI) LMX2330USLBX Datasheet HTML 9Page - National Semiconductor (TI) LMX2330USLBX Datasheet HTML 10Page - National Semiconductor (TI) LMX2330USLBX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Electrical Characteristics (Continued)
V
CC =VP RF=VP IF = 3.0V, −40˚C
≤ T
A
≤ +85˚C, unless otherwise specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
RF SYNTHESIZER PARAMETERS
Pf
IN RF
RF Input Sensitivity
2.7V
≤ V
CC
≤ 3.0V
(Note 5)
−15
0
dBm
3.0 < V
CC
≤ 5.5V
(Note 5)
−10
0
dBm
ID
o RF
SOURCE
RF Charge Pump Output Source
Current
VD
o RF=VP RF/2
ID
o RF Bit = 0
(Note 6)
-0.95
mA
VD
o RF=VP RF/2
ID
o RF Bit = 1
(Note 6)
-3.80
mA
ID
o RF
SINK
RF Charge Pump Output Sink Current VD
o RF=VP RF/2
ID
o RF Bit = 0
(Note 6)
0.95
mA
VD
o RF=VP RF/2
ID
o RF Bit = 1
(Note 6)
3.80
mA
ID
o RF
TRI-STATE
RF Charge Pump Output TRI-STATE
Current
0.5V
≤ VD
o RF
≤ V
P RF - 0.5V
(Note 6)
-2.5
2.5
nA
ID
o RF
SINK
Vs
ID
o RF
SOURCE
RF Charge Pump Output Sink Current
Vs Charge Pump Output Source
Current Mismatch
VD
o RF=VP RF/2
T
A = +25˚C
(Note 7)
310
%
ID
o RF
Vs
VD
o RF
RF Charge Pump Output Current
Magnitude Variation Vs Charge Pump
Output Voltage
0.5V
≤ VD
o RF
≤ V
P RF - 0.5V
T
A = +25˚C
(Note 7)
10
15
%
ID
o RF
Vs
T
A
RF Charge Pump Output Current
Magnitude Variation Vs Temperature
VD
o RF=VP RF/2
(Note 7)
10
%
IF SYNTHESIZER PARAMETERS
f
IN IF
IF Operating
Frequency
LMX2330U
45
600
MHz
LMX2331U
45
600
MHz
LMX2332U
45
600
MHz
N
IF
IF N Divider Range
Prescaler = 8/9
(Note 4)
24
16391
Prescaler = 16/17
(Note 4)
48
32767
R
IF
IF R Divider Range
3
32767
FφIF
IF Phase Detector Frequency
10
MHz
Pf
IN IF
IF Input Sensitivity
2.7V
≤ V
CC
≤ 5.5V
(Note 5)
-10
0
dBm
www.national.com
7


Số phần tương tự - LMX2330USLBX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2330 NSC-LMX2330 Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330 NSC-LMX2330 Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330-332A NSC-LMX2330-332A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330ATM NSC-LMX2330ATM Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2330USLBX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com