công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141800A bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC141800A
Giải thích chi tiết về linh kiện  LCD Segment / Common Driver with Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141800A bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC141800A Datasheet HTML 3Page - Motorola, Inc MC141800A Datasheet HTML 4Page - Motorola, Inc MC141800A Datasheet HTML 5Page - Motorola, Inc MC141800A Datasheet HTML 6Page - Motorola, Inc MC141800A Datasheet HTML 7Page - Motorola, Inc MC141800A Datasheet HTML 8Page - Motorola, Inc MC141800A Datasheet HTML 9Page - Motorola, Inc MC141800A Datasheet HTML 10Page - Motorola, Inc MC141800A Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
MC141800A
3–263
MOTOROLA
Figure 1. Internal Oscillator Frequency Relationship with External Resistor Value
AC ELECTRICAL CHARACTERISTICS (TA=25˚C, Voltage referenced to VSS, AVDD=DVDD=3V)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
FOSC
Oscillation Frequency of Display timing
generator
60Hz Frame Frequency
Either External Clock Input or Internal Oscillator
Enabled
45
55
60
KHz
FFRM
Frame Frequency
Graphic Display Mode, Normal Frequency Mode,
65 - 50 MUX
Graphic Display Mode, Half Frequency Mode,
65 - 50 MUX
Graphic Display Mode, Normal Frequency Mode,
49 - 34 MUX
Graphic Display Mode, Half Frequency Mode,
49 - 34 MUX
Graphic Display Mode, Normal Frequency Mode,
33 - 2 MUX
Graphic Display Mode, Half Frequency Mode,
33 -2 MUX
6-Phase Low Power Icon Mode, Normal Frequency
Mode
6-Phase Low Power Icon Mode, Half Frequency
Mode
4-Phase Low Power Icon Mode, Normal Frequency
Mode
4-Phase Low Power Icon Mode, Half Frequency
Mode
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
OSC
Internal Oscillation Frequency with different
value of feedback resistor
Internal Oscillator Enabled, VDD within operation
range
See Figure 1 for the relationship
100k
500k
1.0M
1.5M
2.0M
Resistor Value between OSC1 and OSC2 (
Ω)
Oscillation
Frequency
(Hz)
350k
250k
200k
150k
100k
50k
400k
FOSC
15 * MUX
FOSC
960
FOSC
1920
FOSC
1024
FOSC
2048
FOSC
30 * MUX
FOSC
23 * MUX
FOSC
46 * MUX
FOSC
30 * MUX
FOSC
60 * MUX


Số phần tương tự - MC141800A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
MC141803T MOTOROLA-MC141803T Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
More results

Mô tả tương tự - MC141800A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
   LCD Segment / Common Driver with Controller
SSD0817 ETC1-SSD0817 Datasheet
405Kb / 43P
   LCD Segment / Common Driver with Controller
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
   LCD Segment / Common Driver with Controller
SSD1800 ETC-SSD1800 Datasheet
598Kb / 42P
   LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com