công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141800A bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC141800A
Giải thích chi tiết về linh kiện  LCD Segment / Common Driver with Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141800A bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC141800A Datasheet HTML 2Page - Motorola, Inc MC141800A Datasheet HTML 3Page - Motorola, Inc MC141800A Datasheet HTML 4Page - Motorola, Inc MC141800A Datasheet HTML 5Page - Motorola, Inc MC141800A Datasheet HTML 6Page - Motorola, Inc MC141800A Datasheet HTML 7Page - Motorola, Inc MC141800A Datasheet HTML 8Page - Motorola, Inc MC141800A Datasheet HTML 9Page - Motorola, Inc MC141800A Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MOTOROLA
3–262
MC141800A
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, VDD=2.4 to 3.5V, TA=25˚C)
* The formula for the temperature coefficient is:
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VIH1
VIL1
Input high voltage
(RES, OSC2, CLK, CE, D0-D7,R/W, D/C, S/P,
OSC1)
Input Low voltage
(RES, OSC2, CLK, CE, D0-D7, R/W, D/C, S/P,
OSC1)
0.8*VDD
0
-
-
VDD
0.2*VDD
V
V
VLL6
VLL5
VLL4
VLL3
VLL2
VLL6
VLL5
VLL4
VLL3
VLL2
VLL6
VLL5
VLL4
VLL3
VLL2
LCD Display Voltage Output
(VLL6, VLL5, VLL4, VLL3, VLL2 Pins)
LCD Display Voltage Output
(VLL6, VLL5, VLL4, VLL3, VLL2 Pins)
LCD Display Voltage Input
(VLL6, VLL5, VLL4, VLL3, VLL2 Pins)
Smart Bias Divider Enabled, 1:9 bias ratio
Smart Bias Divider Enabled, 1:8 bias ratio
External Voltage Generator, Smart Bias Divider Dis-
able
-
-
-
-
-
-
-
-
-
-
7
0
0
0
0
VR
8/9*VR
7/9*VR
2/9*VR
1/9*VR
VR
7/8*VR
6/8*VR
2/8*VR
1/8*VR
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
VCC
VLL6
VLL5
VLL4
VLL3
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
IOH
IOL
IOZ
Output High Current Source
(D0-D7, OSC2)
Output Low Current Drain
(D0-D7, OSC2)
Output Tri-state Current Drain Source
(D0-D7, OSC2)
Vout=VDD-0.4V
Vout=0.4V
50
-
-1
-
-
-
-
-50
1
µA
µA
µA
IIL/IIH
Input Current
(RES, OSC2, CLK, D0-D7, R/W, D/C , S/P,
OSC1)
-1
-
1
µA
CIN
Input Capacitance
(OSC1, OSC2, all logic pins)
-
5
7.5
pF
VCN
Internal Contrast Control
(VR Output Voltage)
Internal Regulator Enabled, Internal Contrast control
Enabled. (16 Voltage Levels Controlled by Software.
Each level is typically 1.5% of the Internal Regulator
Output Voltage. )
-
± 12
-
%
PTC0
PTC1
PTC2
PTC3
Temperature Coefficient Compensation
Flat Temperature Coefficient
Temperature Coefficient 1*
Temperature Coefficient 2*
Temperature Coefficient 3*
(TC1=0, TC2=0, Internal Regulator Disabled.)
(TC1=0, TC2=1, Internal Regulator Enabled.)
(TC1=1, TC2=0, Internal Regulator Enabled.)
(TC1=1, TC2=1, Internal Regulator Enabled.)
-
-
-
-
0.0
-0.18
-0.22
-0.35
-
-
-
-
%
%
%
%
TC(%)=
VR at 50˚C - VR at 0˚C
50˚C - 0˚C
X
1
VR at 25˚C
X100%


Số phần tương tự - MC141800A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
MC141803T MOTOROLA-MC141803T Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
More results

Mô tả tương tự - MC141800A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
   LCD Segment / Common Driver with Controller
SSD0817 ETC1-SSD0817 Datasheet
405Kb / 43P
   LCD Segment / Common Driver with Controller
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
   LCD Segment / Common Driver with Controller
SSD1800 ETC-SSD1800 Datasheet
598Kb / 42P
   LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com