công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141800A bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC141800A
Giải thích chi tiết về linh kiện  LCD Segment / Common Driver with Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141800A bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC141800A Datasheet HTML 1Page - Motorola, Inc MC141800A Datasheet HTML 2Page - Motorola, Inc MC141800A Datasheet HTML 3Page - Motorola, Inc MC141800A Datasheet HTML 4Page - Motorola, Inc MC141800A Datasheet HTML 5Page - Motorola, Inc MC141800A Datasheet HTML 6Page - Motorola, Inc MC141800A Datasheet HTML 7Page - Motorola, Inc MC141800A Datasheet HTML 8Page - Motorola, Inc MC141800A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
MC141800A
3–261
MOTOROLA
MAXIMUM RATINGS* (Voltages Referenced to VSS, TA=25˚C)
Symbol
Parameter
Value
Unit
AVDD,DVDD
Supply Voltage
-0.3 to +4.0
V
VCC
VSS-0.3 to VSS+16.5
V
Vin
Input Voltage
VSS-0.3 to VDD+0.3
V
I
Current Drain Per Pin Excluding VDD and VSS
25
mA
TA
Operating Temperature
-30 to +85
˚C
Tstg
Storage Temperature Range
-65 to +150
˚C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional
operation should be restricted to the limits in the Electrical Characteristics tables or Pin Descrip-
tion section.
VSS = AVSS = DVSS (DVSS = VSS of Digital and DC/DC circuit, AVSS = VSS of Analogue Circuit)
VDD = AVDD = DVDD (DVDD = VDD of Digital and DC/DC circuit, AVDD = VDD of Analogue Circuit)
This device contains circuitry to protect the inputs
against damage due to high static voltages or elec-
tric fields; however, it is advised that normal precau-
tions to be taken to avoid application of any voltage
higher than maximum rated voltages to this high
impedance circuit. For proper operation it is recom-
mended that Vin and Vout be constrained to the
range VSS < or = (Vin or Vout) < or = VDD. Reliability
of operation is enhanced if unused input are con-
nected to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left
open. This device may be light sensitive. Caution
should be taken to avoid exposure of this device to
any light source during normal operation. This
device is not radiation protected.
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, VDD=2.4 to 3.5V, TA=25˚C)
Note : All above parameter is tested under NO LOADING condition. For detailed testing condition, please refer to the Testing Condition figure on P.31.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
DVDD
AVDD
Logic and DC/DC Circuit Supply Voltage Range
Other Analog Circuit Supply Voltage Range
(Absolute value referenced to VSS)
2.4
2.4
3.0
-
3.5
3.5
V
V
IAC
IDP1
IDP2
ISB
IICON
Access Mode Supply Current Drain
(AVDD + DVDD Pins)
Display Mode Supply Current Drain
(AVDD + DVDD Pins)
Display Mode Supply Current Drain
(AVDD + DVDD Pins)
Standby Mode Supply Current Drain
(AVDD + DVDD Pins)
Icon Mode Supply Current Drain
(AVDD + DVDD Pins)
VDD=3.0V, Internal DC/DC Converter On, 5X DC/DC
Converter Enabled, R/W accessing, Tcyc=1MHz,
Osc. Freq.=50KHz, Display On.
VDD=3.0V, Internal DC/DC Converter On, 5X Con-
verter Enabled, R/W Halt, Osc. Freq.=50KHz, Dis-
play On.
VDD=3.0V, Internal DC/DC Converter On, 4X Con-
verter Enabled, R/W Halt, Osc. Freq.=55KHz, Dis-
play On, Set 48Mux, 1:8 bias
VDD=3.0V, Display off, Oscillator Disabled, R/W halt.
VDD=3.0V, Internal Oscillator, Oscillator Enabled,
Display On, Icon On, R/W halt, Freq.=50KHz.
-
-
-
-
-
700
530
300
200
10
800
650
400
400
20
µA
µA
µA
nA
µA
VCC
VLCD
LCD Driving Internal DC/DC Converter Output
(VCC Pin)
LCD Driving Voltage Input (VCC Pin)
Display On, DC/DC Converter Enabled, Osc. Freq.=
50KHz, Internal Regulator Enabled, Divider Enabled.
Internal DC/DC Converter Disabled.
7
7
15
15
16.5
16.5
V
V
VICON
Low Power Icon mode Voltage
-2-
V
VOH1
VOL1
VR1
VR2
Output High Voltage
(D0-D7, OSC2)
Output Low Voltage
(D0-D7, OSC2)
LCD Driving Voltage Source (VR Pin)
LCD Driving Voltage Source (VR Pin)
Iout=100µA
Iout=100µA
Internal Regulator Enabled (VR voltage depends on
Int/Ext Contrast Control )
Internal Regulator Disable.
0.9*VDD
0
0
-
-
-
-
Floating
VDD
0.1*VDD
VCC-0.5
-
V
V
V
V


Số phần tương tự - MC141800A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
MC141803T MOTOROLA-MC141803T Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
More results

Mô tả tương tự - MC141800A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
   LCD Segment / Common Driver with Controller
SSD0817 ETC1-SSD0817 Datasheet
405Kb / 43P
   LCD Segment / Common Driver with Controller
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
   LCD Segment / Common Driver with Controller
SSD1800 ETC-SSD1800 Datasheet
598Kb / 42P
   LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com