công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC07L1NZGD bảng dữ liệu(PDF) 4 Page - ITT Industries |
|
MC07L1NZGD bảng dữ liệu(HTML) 4 Page - ITT Industries |
4 / 6 page L–15 L C&K M Series Half-inch Rotary Switches SHORTING/NON-SHORTING CONTACTS CONTACT MATERIAL TERMINATIONS L SP DP PC MOUNTING 30º INDEXING SP DP PC MOUNTING 36º INDEXING SP DP SP DP PANEL MOUNTING WITH FLATS WITHOUT FLATS 0.260 DIA (6.60) 0.260 DIA (6.59) 0.213 (5.41) Z SOLDER LUG C PC THRU-HOLE N NON-SHORTING CONTACTS Break-before-make Hardware: All models, one mounting nut and lockwasher supplied standard. MA00 thru MD00 models: two stop pins and adhesive mylar washer supplied. ME00 thru MH00 models: two stop rings supplied. Hardware is available separately, see section “Technical Data and Additional Hardware”. NOTE: Q contact material standard. Terminal numbers marked on side of housing. All terminals insert molded. All terminals present regardless of number of switch positions. Actuators and schematics shown in pos. 1. * Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications. 1 MOVABLE CONTACTS: Non-shorting: Copper alloy, silver plated. Shorting: Zinc alloy, silver plated. 2 STATIONARY CONTACTS & ALL TERMINALS: Copper alloy, silver plated. 3 MOVABLE CONTACTS: Non-shorting: Copper alloy, with gold plate over nickel plate, over silver plate. Shorting: Zinc alloy, with gold plate 4 STATIONARY CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate over silver plate. All models when ordered with S1-S6 stainless steel actuator options. NOTE: Any models supplied with Q G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com CONTACT MATERIAL OPTION CODE TERMINAL PLATING RATING Q CARRY: 6 AMPS CONTINUOUS. SWITCH: 250 mA @ 125 V AC LOW LEVEL/DRY CIRCUIT OR POWER G SILVER 1, 2 POWER 0.4 VA MAX. @ 20 V AC or DC MAX. or, CARRY: 6 AMPS CONTINUOUS. SWITCH: 250 mA @ 125 V AC or 28 V DC. RoHS COMPLIANT* RoHS COMPATIBLE* YES YES YES YES GOLD OVER or 28 V DC. SILVER 3, 4 SILVER 2 GOLD 4 |
Số phần tương tự - MC07L1NZGD |
|
Mô tả tương tự - MC07L1NZGD |