công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145193F bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC145193F
Giải thích chi tiết về linh kiện  1.1 GHZ PLL FREQUENCY SYNTHESIZER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145193F bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC145193F Datasheet HTML 1Page - Motorola, Inc MC145193F Datasheet HTML 2Page - Motorola, Inc MC145193F Datasheet HTML 3Page - Motorola, Inc MC145193F Datasheet HTML 4Page - Motorola, Inc MC145193F Datasheet HTML 5Page - Motorola, Inc MC145193F Datasheet HTML 6Page - Motorola, Inc MC145193F Datasheet HTML 7Page - Motorola, Inc MC145193F Datasheet HTML 8Page - Motorola, Inc MC145193F Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MC145193
3
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
MAXIMUM RATINGS* (Voltages Referenced to Gnd, unless otherwise stated)
Parameter
Symbol
Value
Unit
DC Supply Voltage (Pins 12 and 14)
VCC, VDD
–0.5 to 6.0
V
DC Supply Voltage (Pin 5)
VPD
VDD – 0.5 to 6.0
V
DC Input Voltage
Vin
–0.5 to VDD + 0.5
V
DC Output Voltage (except Output B, PDout,
φR, φV)
Vout
–0.5 to VDD + 0.5
V
DC Output Voltage (Output B, PDout, φR, φV)
Vout
–0.5 to VPD + 0.5
V
DC Input Current, per Pin (Includes VPD)
Iin, IPD
±10
mA
DC Output Current, per Pin
Iout
±20
mA
DC Supply Current, VDD and Gnd Pins
IDD
±30
mA
Power Dissipation, per Package
PD
300
mW
Storage Temperature
Tstg
–65 to 150
°C
Lead Temperature, 1 mm from Case for 10
Seconds
TL
260
°C
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics tables or
Pin Descriptions section.
2. ESD (electrostatic discharge) immunity meets Human Body Model (HBM)
≤2000 V and
Machine Model (MM)
≤200 V. Additional ESD data available upon request.
ELECTRICAL CHARACTERISTICS
(VDD = VCC = 2.7 to 5.5 V, Voltages Referenced to Gnd, unless otherwise stated; VPD = 2.7 to 5.5 V, TA = –40 to 85°C)
Parameter
Test Condition
Symbol
Guaranteed
Limit
Unit
Maximum Low–Level Input Voltage
(Din, CLK, ENB)
VIL
0.3 x VDD
V
Minimum High–Level Input Voltage
(Din, CLK, ENB)
VIH
0.7 x VDD
V
Minimum Hysteresis Voltage (CLK, ENB)
VDD = 2.7 V
VDD = 4.5 V
VHys
100
250
mV
Maximum Low–Level Output Voltage
(REFout, Output A)
Iout = 20 µA, Device in Reference Mode
VOL
0.1
V
Minimum High–Level Output Voltage
(REFout, Output A)
Iout = – 20 µA, Device in Reference Mode
VOH
VDD – 0.1
V
Minimum Low–Level Output Current
(REFout, LD)
Vout = 0.3 V
IOL
0.36
mA
Minimum Low–Level Output Current
(
φR, φV)
Vout = 0.3 V
IOL
0.36
mA
Minimum Low–Level Output Current
(Output A)
Vout = 0.4 V
VDD = 4.5 V
IOL
1.0
mA
Minimum Low–Level Output Current
(Output B)
Vout = 0.4 V
IOL
1.0
mA
Minimum High–Level Output Current
(REFout, LD)
Vout = VDD – 0.3 V
IOH
–0.36
mA
Minimum High–Level Output Current
(
φR, φV)
Vout = VPD – 0.3 V
IOH
–0.36
mA
Minimum High–Level Output Current
(Output A Only)
Vout = VDD – 0.4 V
VDD = 4.5 V
IOH
–0.6
mA
(continued)
This device contains protection circuitry
to guard against damage due to high static
voltages or electric fields. However, precau-
tions must be taken to avoid applications of
any voltage higher than maximum rated
voltages to this high–impedance circuit.


Số phần tương tự - MC145193F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190DT MOTOROLA-MC145190DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190F MOTOROLA-MC145190F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191DT MOTOROLA-MC145191DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191F MOTOROLA-MC145191F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results

Mô tả tương tự - MC145193F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
MB15U10 FUJITSU-MB15U10 Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
logo
Toshiba Semiconductor
TB31242FN TOSHIBA-TB31242FN Datasheet
374Kb / 10P
   1.8 GHZ SINGLE PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com