công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC104S085CIMMX bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DAC104S085CIMMX
Giải thích chi tiết về linh kiện  10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC104S085CIMMX bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI)

Back Button DAC104S085CIMMX Datasheet HTML 2Page - National Semiconductor (TI) DAC104S085CIMMX Datasheet HTML 3Page - National Semiconductor (TI) DAC104S085CIMMX Datasheet HTML 4Page - National Semiconductor (TI) DAC104S085CIMMX Datasheet HTML 5Page - National Semiconductor (TI) DAC104S085CIMMX Datasheet HTML 6Page - National Semiconductor (TI) DAC104S085CIMMX Datasheet HTML 7Page - National Semiconductor (TI) DAC104S085CIMMX Datasheet HTML 8Page - National Semiconductor (TI) DAC104S085CIMMX Datasheet HTML 9Page - National Semiconductor (TI) DAC104S085CIMMX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
A.C. and Timing Characteristics
Values shown in this table are design targets and are subject to change before product release. The following specifica-
tions apply for V
A = +2.7V to +5.5V, VREFIN =VA,RL =2k
Ω to GND, C
L = 200 pF to GND, fSCLK = 30 MHz, input code range
12 to 1011. Boldface limits apply for T
MIN
≤ T
A
≤ T
MAX and all other limits are at TA = 25˚C, unless otherwise specified.
Symbol
Parameter
Conductions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
f
SCLK
SCLK Frequency
40
30
MHz (max)
t
s
Output Voltage Settling Time
(Note 10)
100h to 300h code change
4.5
6
µs (max)
SR
Output Slew Rate
1
V/µs
Glitch Impulse
Code change from 200h to 1FFh
12
nV-sec
Digital Feedthrough
0.5
nV-sec
Digital Crosstalk
1
nV-sec
DAC-to-DAC Crosstalk
3
nV-sec
Multiplying Bandwidth
V
REFIN = 2.5V ± 0.1Vpp
160
kHz
Total Harmonic Distortion
V
REFIN = 2.5V ± 0.1Vpp
input frequency = 10kHz
70
dB
t
WU
Wake-Up Time
V
A = 3V
0.8
µsec
V
A = 5V
0.5
µsec
1/f
SCLK
SCLK Cycle Time
25
33
ns (min)
t
CH
SCLK High time
7
10
ns (min)
t
CL
SCLK Low Time
7
10
ns (min)
t
SS
SYNC Set-up Time prior to SCLK
Falling Edge
4
10
ns (min)
t
DS
Data Set-Up Time prior to SCLK
Falling Edge
1.5
3.5
ns (min)
t
DH
Data Hold Time after SCLK Falling
Edge
1.5
3.5
ns (min)
t
CFSR
SCLK fall prior to rise of SYNC
0
3
ns (min)
t
SYNC
SYNC High Time
6
10
ns (min)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions. Operation of the device beyond the maximum Operating Ratings is not recommended.
Note 2: All voltages are measured with respect to GND = 0V, unless otherwise specified
Note 3: When the input voltage at any pin exceeds 5.5V or is less than GND, the current at that pin should be limited to 10 mA. The 20 mA maximum package input
current rating limits the number of pins that can safely exceed the power supplies with an input current of 10 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX = (TJmax − TA)/ θJA. The values
for maximum power dissipation will be reached only when the device is operated in a severe fault condition (e.g., when input or output pins are driven beyond the
operating ratings, or the power supply polarity is reversed).
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO Ohms.
Note 6: See the section entitled "Surface Mount" found in any post 1986 National Semiconductor Linear Data Book for methods of soldering surface mount devices.
Note 7: The inputs are protected as shown below. Input voltage magnitudes up to 5.5V, regardless of VA, will not cause errors in the conversion result. For example,
if VA is 3V, the digital input pins can be driven with a 5V logic device.
20195304
Note 8: To guarantee accuracy, it is required that VA and VREFIN be well bypassed.
Note 9: Typical figures are at TJ = 25˚C, and represent most likely parametric norms. Test limits are guaranteed to National’s AOQL (Average Outgoing Quality
Level).
Note 10: This parameter is guaranteed by design and/or characterization and is not tested in production.
www.national.com
6


Số phần tương tự - DAC104S085CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC104S085CIMMX TI-DAC104S085CIMMX Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085CIMMX/NOPB TI-DAC104S085CIMMX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Mô tả tương tự - DAC104S085CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com