công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BY211UJCWCNQ2 bảng dữ liệu(PDF) 5 Page - ITT Industries |
|
BY211UJCWCNQ2 bảng dữ liệu(HTML) 5 Page - ITT Industries |
5 / 5 page M M–26 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com AVAILABLE HARDWARE Key Code: A126 PART NO. (ONE KEY) 115140126 Material: Brass Finish: Nickel plate Key Code: A126 PART NO. (ONE KEY) 16564112602 BLACK Material: Brass Finish: Nickel plate 6/6 Nylon insert molded head Key Code: 3434 PART NO. (ONE KEY) 11630CKBYST Material: Brass Finish: None Control key (removes lock core) * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate. 2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options). 3 CONTACTS & TERMINALS: Copper, with gold plate over silver plate. All models with all options when ordered with ‘G’ or ‘Q’ contact material. NOTE: ‘G’ contact material is equivalent to both ‘B’ and ‘Q’ contact materials. C&K BY Series 4 Tumbler Value Added Security Switchlocks CONTACT MATERIAL CONTACT AND OPTION CODE TERMINAL MATERIAL RATING Q 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA). LOW LEVEL/DRY CIRCUIT B SILVER 2 POWER 0.4 VA MAX. @ 20 V AC or DC MAX RoHS COMPLIANT* RoHS COMPATIBLE* YES YES YES YES LOW LEVEL/DRY CIRCUIT OR POWER G YES YES GOLD 1 GOLD SILVER 3 0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA) |
Số phần tương tự - BY211UJCWCNQ2 |
|
Mô tả tương tự - BY211UJCWCNQ2 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |