công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA24J137107HQ bảng dữ liệu(PDF) 1 Page - ITT Industries |
|
CA24J137107HQ bảng dữ liệu(HTML) 1 Page - ITT Industries |
1 / 4 page H-110 H Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com Models Available Specifications CONTACT RATING: 15 AMPS @ 125 V AC; 10 AMPS @ 250 V AC; 1/4 HP @ 125 V AC or 250 V AC . ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. LAMP LIFE: 25,000 hours typ. INSULATION RESISTANCE: 109 Ω min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. C&K CA Series Illuminated Power Rocker Switches Features/Benefits • 15 AMPS @ 125 V AC • Illuminated actuator • Various actuator styles Typical Applications • Power outlet strips • Appliances • Handling and packaging machines • RoHS compliant Materials HOUSING: 6/6 nylon (UL 94V-2), black. ACTUATOR: Polycarbonate (UL 94V-2), red. CONTACTS: Coin silver, silver plated. OPERATING TEMPERATURE: -30ºC to +85ºC NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages H–110 through H–113. For additional options not shown in catalog, consult Customer Service Center. Switch Function CA04 SPST, On-Off CA24 DPST, On-Off Actuator J1 Rocker J7 Curved rocker Actuator Color 3 Red translucent 5 Yellow translucent 6 Green translucent Lamp Voltage 7 125 V neon 8 250 V neon Housing Color 2 Black 1 White Contact Material Q Silver Terminations 07 Quick connect Actuator Markings NONE No markings D ON-OFF H O | P O – |
Số phần tương tự - CA24J137107HQ |
|
Mô tả tương tự - CA24J137107HQ |