công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5212 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5212
Giải thích chi tiết về linh kiện  Microcontroller Family Hardware Specification
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5212 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCF5212 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5212 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5212 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5212 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5212 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5212 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5212 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5212 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5212 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
MCF5213 Microcontroller Family Hardware Specification, Rev. 1.2
Preliminary
MCF5213 Family Configurations
Freescale Semiconductor
6
— Global network time, synchronized by a specific message
— Maskable interrupts
Three universal asynchronous/synchronous receiver transmitters (UARTs)
— 16-bit divider for clock generation
— Interrupt control logic with maskable interrupts
— DMA support
— Data formats can be 5, 6, 7 or 8 bits with even, odd or no parity
— Up to 2 stop bits in 1/16 increments
— Error-detection capabilities
— Modem support includes request-to-send (RTS) and clear-to-send (CTS) lines for two UARTs
— Transmit and receive FIFO buffers
•I2C module
— Interchip bus interface for EEPROMs, LCD controllers, A/D converters, and keypads
— Fully compatible with industry-standard I2C bus
— Master and slave modes support multiple masters
— Automatic interrupt generation with programmable level
Queued serial peripheral interface (QSPI)
— Full-duplex, three-wire synchronous transfers
— Up to four chip selects available
— Master mode operation only
— Programmable bit rates up to half the CPU clock frequency
— Up to 16 pre-programmed transfers
Fast analog-to-digital converter (ADC)
— Eight analog input channels
— 12-bit resolution
— Minimum 1.125
µs conversion time
— Simultaneous sampling of two channels for motor control applications
— Single-scan or continuous operation
— Optional interrupts on conversion complete, zero crossing (sign change), or under/over
low/high limit
— Unused analog channels can be used as digital I/O
Four 32-bit DMA timers
— 12.5-ns resolution at 80 MHz
— Programmable sources for clock input, including an external clock option
— Programmable prescaler


Số phần tương tự - MCF5212

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5212 FREESCALE-MCF5212 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF5212CAE66 FREESCALE-MCF5212CAE66 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF5212CAE66 FREESCALE-MCF5212CAE66 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
MCF5212LCVM66 FREESCALE-MCF5212LCVM66 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF5212LCVM66 FREESCALE-MCF5212LCVM66 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
More results

Mô tả tương tự - MCF5212

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
logo
Motorola, Inc
MAC7100 MOTOROLA-MAC7100 Datasheet
1Mb / 48P
   MAC7100 Microcontroller Family Hardware Specifications
logo
Freescale Semiconductor...
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Hardware Specification
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com