công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5213 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5213
Giải thích chi tiết về linh kiện  Microcontroller Family Hardware Specification
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5213 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF5213 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
MCF5213 Family Configurations
MCF5213 Microcontroller Family Hardware Specification, Rev. 1.2
Preliminary
Freescale Semiconductor
11
voltage source. The CFM interfaces to the ColdFire core through an optimized read-only memory
controller which supports interleaved accesses from the 2-cycle Flash arrays. A backdoor mapping of the
Flash memory is used for all program, erase, and verify operations, as well as providing a read datapath
for the DMA. Flash memory may also be programmed via the EzPort, which is a serial Flash programming
interface that allows the Flash to be read, erased and programmed by an external controller in a format
compatible with most SPI bus Flash memory chips.
1.2.5
Power Management
The MCF5213 incorporates several low power modes of operation which are entered under program
control and exited by several external trigger events. An integrated power-on reset (POR) circuit monitors
the input supply and forces an MCU reset as the supply voltage rises. The low voltage detector (LVD)
monitors the supply voltage and is configurable to force a reset or interrupt condition if it falls below the
LVD trip point. The RAM standby switch provides power to RAM when the supply voltage to the chip
falls below the standby battery voltage.
1.2.6
FlexCAN
The FlexCAN module is a communication controller implementing version 2.0 of the CAN protocol parts
A and B. The CAN protocol can be used as an industrial control serial data bus, meeting the specific
requirements of reliable operation in a harsh EMI environment with high bandwidth. This instantiation of
FlexCAN has 16 message buffers.
1.2.7
UARTs
The MCF5213 has three full-duplex UARTs that function independently. The three UARTs can be clocked
by the system bus clock, eliminating the need for an external clock source. On smaller packages, the third
UART is multiplexed with other digital I/O functions.
1.2.8
I2C Bus
The I2C bus is a two-wire, bidirectional serial bus that provides a simple, efficient method of data exchange
and minimizes the interconnection between devices. This bus is suitable for applications requiring
occasional communications over a short distance between many devices.
1.2.9
QSPI
The queued serial peripheral interface (QSPI) provides a synchronous serial peripheral interface with
queued transfer capability. It allows up to 16 transfers to be queued at once, minimizing the need for CPU
intervention between transfers.


Số phần tương tự - MCF5213

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5213 FREESCALE-MCF5213 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213 Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5213 FREESCALE-MCF5213 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
MCF5213CAF66 FREESCALE-MCF5213CAF66 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF5213CAF66 FREESCALE-MCF5213CAF66 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
More results

Mô tả tương tự - MCF5213

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
logo
Motorola, Inc
MAC7100 MOTOROLA-MAC7100 Datasheet
1Mb / 48P
   MAC7100 Microcontroller Family Hardware Specifications
logo
Freescale Semiconductor...
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Hardware Specification
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com