công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BD06AV2 bảng dữ liệu(PDF) 2 Page - ITT Industries

tên linh kiện BD06AV2
Giải thích chi tiết về linh kiện  Standard Profile DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

BD06AV2 bảng dữ liệu(HTML) 2 Page - ITT Industries

  BD06AV2 Datasheet HTML 1Page - ITT Industries BD06AV2 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-13
I
8
7
6
4
3
2
1
ON
0.050
(1,27)
.090
(2,29)
0.061 TYP.
(1,55)
0.026
(0,66)
0.300
(7,62)
.100
(2,54)
.020 TYP.
(0,51)
.100 TYP.
(2,54)
.010
(0,25)
.007
(0,18)
DIM.A
.380
(9,65)
.046 DIA TYP.
(1,17ø)
.100
(2,54)
.100 TYP.
(2,54)
5
.320
(8,13)
.125
(3,18)
8
7
6
4
3
2
1
ON
0.050
(1,27)
.090
(2,29)
0.061 TYP.
(1,55)
0.026
(0,66)
0.300
(7,62)
.020 TYP.
(0,51)
.100 TYP.
(2,54)
DIM.A
.380
(9,65)
0.046 DIA TYP.
(1,17ø)
0.100
(2,54)
0.100 TYP.
(2,54)
5
.280
(7,11)
.100
(2,54)
.115
(2,92)
.010
(0,25)
.007
(0,18)
QUANTITY
PART NUMBER
NO.POS.
DIM. ‘A’
PER TUBE
BD02AV
2
.280 (7,11)
72
BD03AV
3
.380 (9,65)
52
BD04AV
4
.480 (12,19)
42
BD05AV
5
.580 (14,73)
35
BD06AV
6
.680 (17,27)
29
BD07AV
7
.780 (19,81)
26
BD08AV
8
.880 (22,35)
23
BD09AV
9
.980 (24,89)
20
BD10AV
10
1.080 (27,43)
18
BD12AV
12
1.280 (32,51)
15
Schematic
SPST
QUANTITY
PART NUMBER
NO.POS.
DIM. ‘A’
PER TUBE
BD02AV2
2
.280 (7,11)
72
BD03AV2
3
.380 (9,65)
52
BD04AV2
4
.480 (12,19)
42
BD05AV2
5
.580 (14,73)
35
BD06AV2
6
.680 (17,27)
29
BD07AV2
7
.780 (19,81)
26
BD08AV2
8
.880 (22,35)
23
BD09AV2
9
.980 (24,89)
20
BD10AV2
10
1.080 (27,43)
18
BD12AV2
12
1.280 (32,51)
15
Schematic
SPST
C&K BD Series
Standard Profile DIP Switches
Open Base and AV Right Angle Terminal Style
Open Base and AV2 Right Angle Terminal Style
Installation, Soldering and Cleaning
All BD Series Standard Profile DIP Switches can be hand soldered or machine soldered without the use of boot, caps,
tapes or special attention. Open base washable models have unique design, allowing solvent cleaners and water/detergent
solutions to flush and clean the electrical contacts of the contaminants and fluxes. For best results, follow these directions:
1) Wave soldering recommended at 500° F solder temperature.
2) Hand solder using 30 watt small tip iron controlled at 500° F, 10 seconds max./terminal.
3) Open base washable models: Clean flux using forced rinse, high agitation or triple bath cleaning method.
DO NOT mask or cover switch in any way during cleaning. Switch is designed for easy solvent flush out.
4) All switch actuators must be in ‘OFF’ position during soldering and cleaning processes.
5) Closed base models with epoxy terminal seal available in even positions, consult factory for details.
NOTE: Box dimensions show difference between AV and AV2 terminal styles.
NOTE: Box dimensions show difference between AV and AV2 terminal styles.
BD08AV
BD08AV2


Số phần tương tự - BD06AV2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
BD06AV2 CK-COMPONENTS-BD06AV2 Datasheet
279Kb / 3P
   Standard Profile DIP Switches
1999
More results

Mô tả tương tự - BD06AV2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
BD-SERIES CK-COMPONENTS-BD-SERIES Datasheet
174Kb / 2P
   Standard Profile DIP Switches
BD CK-COMPONENTS-BD Datasheet
279Kb / 3P
   Standard Profile DIP Switches
1999
BD01 CK-COMPONENTS-BD01 Datasheet
122Kb / 2P
   Standard Profile DIP Switches
BD CK-COMPONENTS-BD_V01 Datasheet
206Kb / 2P
   Standard Profile DIP Switches
15 Mar 22
logo
GREATECS
DX1 GREATECS-DX1 Datasheet
315Kb / 1P
   SPST Standard DIP Switches
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
   DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SD CK-COMPONENTS-SD Datasheet
215Kb / 3P
   Low Profile DIP Switches
9 January 2018
SDSWITCH CK-COMPONENTS-SDSWITCH Datasheet
106Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com