công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72P361K7T3 bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện ST72P361K7T3
Giải thích chi tiết về linh kiện  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
Download  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P361K7T3 bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button ST72P361K7T3 Datasheet HTML 6Page - STMicroelectronics ST72P361K7T3 Datasheet HTML 7Page - STMicroelectronics ST72P361K7T3 Datasheet HTML 8Page - STMicroelectronics ST72P361K7T3 Datasheet HTML 9Page - STMicroelectronics ST72P361K7T3 Datasheet HTML 10Page - STMicroelectronics ST72P361K7T3 Datasheet HTML 11Page - STMicroelectronics ST72P361K7T3 Datasheet HTML 12Page - STMicroelectronics ST72P361K7T3 Datasheet HTML 13Page - STMicroelectronics ST72P361K7T3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 224 page
background image
ST72361
10/224
23
14
11
PB6 / AIN2 /
T16_OCMP1
I/O CT
X
X
RB
X
X
Port B6
TIM16 Out-
put Com-
pare 1
ADC Analog
Input 2
24
15
-
VSS_2
S
Digital Ground Voltage
25
16
-
VDD_2
S
Digital Main Supply Voltage
26
17
12
PB7 /AIN3 /
T16_OCMP2
I/O CT
X
X
RB
X
X
Port B7
TIM16 Out-
put Com-
pare 2
ADC Analog
Input 3
27
18
13
PC0 / AIN4 /
T16_ICAP1
I/O CT
X
X
RB
X
X
Port C0
TIM16 Input
Capture 1
ADC Analog
Input 4
28
19
14
PC1 (HS) / T16_ICAP2 I/O CT HS
X
ei2
X
X
Port C1
TIM16 Input Capture 2
29
20
15
PC2 (HS) /
T16_EXTCLK
I/O CT HS
X
ei2
X
X
Port C2
TIM16 External Clock input
30
21
-
PE4
I/O TT
X
X
X
X
Port E4
31
-
-
NC
Not Connected
32
22
16
VPP
I
Flash programming voltage. Must be
tied low in user mode.
33
23
17
PC3
I/O CT
X
X
X
X
Port C3
34
24
18
PC4
I/O CT
X
X2) Port C4
35
-
-
PE5
I/O TT
X
X
X
X
Port E5
36
25
-
PE6 / AIN5
I/O TT
X
X
X
X
X
Port E6
ADC Analog Input 5
37
26
19
PC5 /MISO
I/O CT
X
X
X
X
Port C5
SPI Master In/Slave Out
38
27
20
PC6 / MOSI
I/O CT
X
X
X
X
Port C6
SPI Master Out/Slave In
39
28
21
PC7 /SCK
I/O CT
X
X
X
X
Port C7
SPI Serial Clock
40
-
-
VSS_1
S
Digital Ground Voltage
41
-
-
VDD_1
S
Digital Main Supply Voltage
42
29
22
PD0 / SS/ AIN6
I/O CT
X
ei3
X
X
X
Port D0
SPI Slave
Select
ADC Analog
Input 6
43
-
-
PE7
I/O TT
X
X
X
X
Port E7
44
-
-
PF0
I/O TT
X
X
X
X
Port F0
45
30
-
PF1 / AIN7
I/O TT
X
X
X
X
X
Port F1
ADC Analog Input 7
46
31
-
PF2 / AIN8
I/O TT
X
X
X
X
X
Port F2
ADC Analog Input 8
47
32
23
PD1 / SCI1_RDI
I/O CT
X
ei3
X
X
Port D1
LINSCI1 Receive Data in-
put
48
33
24
PD2 / SCI1_TDO
I/O CT
X
X
X
X
Port D2
LINSCI1 Transmit Data
output
49
-
-
PF3 / AIN9
I/O TT
X
X
X
X
X
Port F3
ADC Analog Input 9
50
-
-
PF4
I/O TT
X
X
X
X
Port F4
51
-
-
TLI
I
CT
X
X
Top level interrupt input pin
52
34
-
PF5
I/O TT
X
X
X
X
Port F5
53
35
25
PD3 (HS) / SCI2_SCK
I/O CT HS
X
X
X
X
Port D3
LINSCI2 Serial Clock Out-
put
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output


Số phần tương tự - ST72P361K7T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72P325AR4B3 STMICROELECTRONICS-ST72P325AR4B3 Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72P325AR4B6 STMICROELECTRONICS-ST72P325AR4B6 Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72P325AR4T3 STMICROELECTRONICS-ST72P325AR4T3 Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72P325AR4T6 STMICROELECTRONICS-ST72P325AR4T6 Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72P325AR6B3 STMICROELECTRONICS-ST72P325AR6B3 Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
More results

Mô tả tương tự - ST72P361K7T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72361 STMICROELECTRONICS-ST72361_07 Datasheet
4Mb / 224P
   8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
ST72561 STMICROELECTRONICS-ST72561 Datasheet
3Mb / 262P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
ST7MC1XX STMICROELECTRONICS-ST7MC1XX Datasheet
4Mb / 309P
   8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com