công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72P361AR6T3 bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện ST72P361AR6T3
Giải thích chi tiết về linh kiện  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
Download  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P361AR6T3 bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button ST72P361AR6T3 Datasheet HTML 5Page - STMicroelectronics ST72P361AR6T3 Datasheet HTML 6Page - STMicroelectronics ST72P361AR6T3 Datasheet HTML 7Page - STMicroelectronics ST72P361AR6T3 Datasheet HTML 8Page - STMicroelectronics ST72P361AR6T3 Datasheet HTML 9Page - STMicroelectronics ST72P361AR6T3 Datasheet HTML 10Page - STMicroelectronics ST72P361AR6T3 Datasheet HTML 11Page - STMicroelectronics ST72P361AR6T3 Datasheet HTML 12Page - STMicroelectronics ST72P361AR6T3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 224 page
background image
ST72361
9/224
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, refer to “ELECTRICAL CHARACTERISTICS” on page 179.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
In/Output level: CT= CMOS 0.3VDD/0.7VDD with Schmitt trigger
TT= TTL 0.8V / 2V with Schmitt trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt1), ana = analog, RB = robust
– Output:
OD = open drain, PP = push-pull
Refer to “I/O PORTS” on page 46 for more details on the software configuration of the I/O ports.
The RESET configuration of each pin is shown in bold which is valid as long as the device is in reset state.
Table 1. Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output
1
1
1
OSC13)
I
External clock input or Resonator os-
cillator inverter input
2
2
2
OSC23)
I/O
Resonator oscillator inverter output
3
-
-
PA0 / ARTIC1
I/O CT
X
ei0
X
X
Port A0
ART Input Capture 1
4
3
3
PA1 / PWM0
I/O CT
X
ei0
X
X
Port A1
ART PWM Output 0
5
4
4
PA2 (HS) / PWM1
I/O CT HS
X
ei0
X
X
Port A2
ART PWM Output 1
6
5
-
PA3 / PWM2
I/O CT
X
ei0
X
X
Port A3
ART PWM Output 2
7
6
-
PA4 / PWM3
I/O CT
X
ei0
X
X
Port A4
ART PWM Output 3
8
-
-
VSS_3
S
Digital Ground Voltage
9
-
-
VDD_3
S
Digital Main Supply Voltage
10
7
5
PA5 (HS) / ARTCLK
I/O CT HS
X
ei0
X
X
Port A5
ART External Clock
11
8
-
PA6 (HS) / ARTIC2
I/O CT HS
X
ei0
X
X
Port A6
ART Input Capture 2
12
-
-
PA7 / T8_OCMP2
I/O CT
X
ei0
X
X
Port A7
TIM8 Output Compare 2
13
-
-
PB0 /T8_ICAP2
I/O CT
X
ei1
X
X
Port B0
TIM8 Input Capture 2
14
9
6
PB1 /T8_OCMP1
I/O CT
X
ei1
X
X
Port B1
TIM8 Output Compare 1
15
10
7
PB2 / T8_ICAP1
I/O CT
X
ei1
X
X
Port B2
TIM8 Input Capture 1
16
11
8
PB3 / MCO
I/O CT
X
ei1
X
X
Port B3
Main clock out (fOSC2)
17
-
-
PE0 / AIN12
I/O TT
X
X
RB
X
X
Port E0
ADC Analog Input 12
18
-
-
PE1 / AIN13
I/O TT
X
X
RB
X
X
Port E1
ADC Analog Input 13
19
12
9
PB4 / AIN0 / ICCCLK
I/O CT
X
ei1
RB
X
X
Port B4
ICC Clock
input
ADC Analog
Input 0
20
-
-
PE2 / AIN14
I/O TT
X
X
RB
X
X
Port E2
ADC Analog Input 14
21
-
-
PE3 / AIN15
I/O TT
X
X
RB
X
X
Port E3
ADC Analog Input 15
22
13
10
PB5 / AIN1 / ICCDATA I/O CT
X
ei1 RB
X
X
Port B5
ICC Data in-
put
ADC Analog
Input 1


Số phần tương tự - ST72P361AR6T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72P325AR4B3 STMICROELECTRONICS-ST72P325AR4B3 Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72P325AR4B6 STMICROELECTRONICS-ST72P325AR4B6 Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72P325AR4T3 STMICROELECTRONICS-ST72P325AR4T3 Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72P325AR4T6 STMICROELECTRONICS-ST72P325AR4T6 Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72P325AR6B3 STMICROELECTRONICS-ST72P325AR6B3 Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
More results

Mô tả tương tự - ST72P361AR6T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72361 STMICROELECTRONICS-ST72361_07 Datasheet
4Mb / 224P
   8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
ST72561 STMICROELECTRONICS-ST72561 Datasheet
3Mb / 262P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
ST7MC1XX STMICROELECTRONICS-ST7MC1XX Datasheet
4Mb / 309P
   8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com