công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13122 bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MC13122
Giải thích chi tiết về linh kiện  AMAX STEREO CHIPSET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13122 bảng dữ liệu(HTML) 8 Page - Motorola, Inc

Back Button MC13122 Datasheet HTML 4Page - Motorola, Inc MC13122 Datasheet HTML 5Page - Motorola, Inc MC13122 Datasheet HTML 6Page - Motorola, Inc MC13122 Datasheet HTML 7Page - Motorola, Inc MC13122 Datasheet HTML 8Page - Motorola, Inc MC13122 Datasheet HTML 9Page - Motorola, Inc MC13122 Datasheet HTML 10Page - Motorola, Inc MC13122 Datasheet HTML 11Page - Motorola, Inc MC13122 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MC13027 MC13122
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 5. MC13122 Internal Block Diagram
28
27
26
25
24
23
22
123456
7
21
20
19
18
89
10
11
17
16
15
12
13
14
I
L–R
Q
VCC
VGA
±0.9
VGA
±0.9
LR
Level
Fast AGC
1.0 V
3.0 V
AGC
Matrix
C–QUAM
Comparator
Blend
Disable
450 <90
°
450 <0
°
Signal
Quality
Detector
÷32
÷137/144
÷4
Count
Control
Clamp
25.6 Hz
24.4 Hz
Fast Lock
VCO
Loop
Driver
Pilot
Level
Det
÷8
Pilot I
Det
Pilot Q
Det
cos
θ
330
Loop
Filt
Blend
Gnd
Pilot Ind
Osc Out
Osc In
Pilot Det I
Pilot I
Pilot Q
Audio
Blank
L–R
L+R
IF Amp
VCC
Q Det
L–R Det
I Det
IF In
SS
L Out
L Filt In
L Filt Ctr
L Mat
Out
R Mat
Out
R Filt
Ctr
R Filt In
R Out
AGC
3.0 V
Reg
Det In
E Det
MC13122 FUNCTIONAL DESCRIPTION
The MC13122 is designed to accept a 450 kHz C–QUAM
input signal from approximately 1.0 mV to 1.0 V and produce
L and R audio output signals. It has additional features: stop
signal, variable bandwidth IF and audio response, stereo
indicator driver and track and hold noise blanking.
The IF amplifier on Pin 5 has its own AGC system. It
operates by varying the input resistance on Pin 5. With weak
signals below approximate 5.0 mV, the input resistance is
very high and the amplifier is at maximum gain. For this AGC
to be effective, it is necessary to feed the IF input signal from
a relatively high impedance. The input resistance variation
also reduces the Q of the coil (T1 in the application) so the
receiver bandwidth is narrow for weak signals and wide for
strong signals. The value of the input resistor (R5) is selected
for the desired loading of the IF coil. The impedance of the IF
coil on Pin 2 determines the IF gain. Pin 2 is also the input to
the C–QUAM decoder.
The IF signal drives the envelope (E), in–phase (I),
quadrature (Q) and (L–R) detectors. The E detector is a
quasi–synchronous true envelope detector. The others are
true synchronous detectors. The E detector output provides
the L+R portion of the C–QUAM signal directly to the matrix.
The AGC signal of the IF amplifier drives the signal strength
output at Pin 6. An external resistor on Pin 6 (sets the gain of
the AGC). The Pin 6 voltage is used to control the Q of the
audio notch filter, causing the audio bandwidth and depth of
the 10 kHz notch to change with signal strength. It is also
used as one of the inputs to the signal quality detector which
generates the stop–sense and blend signal on Pins 6 and 23
respectively and tells the signal quality detector that the RF
input is below the AGC threshold.
VCO
The 3.6 MHz ceramic resonator on Pins 19 and 20 is part
of a phase locked loop which locks to the 450 kHz IF signal.
The 3.6 MHz is divided by 8 to produce in–phase and
quadrature signals for the I, Q and L–R detectors. It is also
divided by 32, and 137/144 to provide signals for the pilot I
and Q detectors. The pilot detector is a unique circuit which
does not need filtering to detect the 25 Hz pilot.
Blend Circuit
The purpose of the blend circuit is to provide an AM stereo
radio with the capability of very fast lock times, protection
against stereo falsing when there is no pilot present and
control of the L–R signal so as to provide as much stereo
information as possible, while still sounding good in the
presence of noise or interference. The circuit also provides
an optional stop–sense usable by a radio with seek and/or
scan. The stop–sense signal provides a “stop” signal only
when the radio is locked on station, signal strength is above
minimum level, and the level of interference is less than a
predetermined amount. The last feature prevents stopping
on frequencies where there is is a multiplicity of strong
co–channel stations. It is common for AM radios without this
capability to stop on many frequencies with unlistenable
stations, especially at night.
The blend circuit controls the PLL fast lock, pilot detector,
IF amplifier AGC rate, decoder L–R gain, cos
θ compensation
and stop–sense as a function of the voltage on a signal
external blend capacitor. Timing is determined by the rate of
change of voltage on the blend cap. Timing is changed by
varying charge and discharge current and pulled down by a
current source, switch, and optionally an external switch. The
current sources and switches are controlled by various
measures of signal quality, signal strength, and presence or
absence of pilot tone.


Số phần tương tự - MC13122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC1312P MOTOROLA-MC1312P Datasheet
387Kb / 12P
   CBS SQ LOGIC DECODER SYSTEM
More results

Mô tả tương tự - MC13122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AMD-750 AMD-AMD-750 Datasheet
322Kb / 12P
   Chipset
logo
Intel Corporation
301467-005 INTEL-301467-005 Datasheet
3Mb / 426P
   Express Chipset
317610-001 INTEL-317610-001 Datasheet
2Mb / 342P
   Express Chipset
317607-001 INTEL-317607-001 Datasheet
2Mb / 351P
   Express Chipset
logo
Advantech Co., Ltd.
IDAQ-964 ADVANTECH-IDAQ-964 Datasheet
212Kb / 1P
   4-slot Industrial DAQ Chassis Module for AMAX-5000 Controllers
8-Feb-2022
logo
Macronix International
MX86251 MCNIX-MX86251 Datasheet
497Kb / 32P
   3D graphic chipset
logo
Cyrustek corporation
ES51920 CYRUSTEK-ES51920 Datasheet
444Kb / 11P
   LCR meter chipset
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
   Powerline Networking Chipset
logo
Quantum Research Group
MSM6500 QUANTUM-MSM6500 Datasheet
366Kb / 8P
   MSM6500??CHIPSET SOLUTION
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710 Datasheet
271Kb / 1P
   VIA CX700M chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com