công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM-A379-FREQ bảng dữ liệu(PDF) 1 Page - Nel Frequency Controls,inc |
|
SM-A379-FREQ bảng dữ liệu(HTML) 1 Page - Nel Frequency Controls,inc |
1 / 2 page 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com CMOS HS-370 Series Description The HS-370 Series of quartz crystal oscillators are resistance welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated standoffs to enhance board cleaning are standard. Features • Wide frequency range–3.0MHz to 100.0MHz • User specified tolerance available • Will withstand vapor phase temperatures of 253°C for 4 minutes maximum • Space-saving alternative to discrete component oscillators • High shock resistance, to 3000g • All metal, resistance weld, hermetically sealed package • Low Jitter • High Q Crystal actively tuned oscillator circuit • Power supply decoupling internal • No internal PLL avoids cascading PLL problems • High frequencies due to proprietary design • Gold plated leads - Solder dipped leads available upon request • RoHS Compliant, Lead Free Constructions (unless solder dipped leads are supplied) Electrical Connection Pin Connection 1 N.C. 7 Grd & Case 8 Output 14 V DD CRYSTAL CLOCK OSCILLATORS Data Sheet 9420A Rev. M |
Số phần tương tự - SM-A379-FREQ |
|
Mô tả tương tự - SM-A379-FREQ |