công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5533ABC-1 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD5533ABC-1
Giải thích chi tiết về linh kiện  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5533ABC-1 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD5533ABC-1 Datasheet HTML 4Page - Analog Devices AD5533ABC-1 Datasheet HTML 5Page - Analog Devices AD5533ABC-1 Datasheet HTML 6Page - Analog Devices AD5533ABC-1 Datasheet HTML 7Page - Analog Devices AD5533ABC-1 Datasheet HTML 8Page - Analog Devices AD5533ABC-1 Datasheet HTML 9Page - Analog Devices AD5533ABC-1 Datasheet HTML 10Page - Analog Devices AD5533ABC-1 Datasheet HTML 11Page - Analog Devices AD5533ABC-1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
AD5532B
–8–
PIN FUNCTION DESCRIPTIONS
Mnemonic
Description
AGND (1–2)
Analog GND Pins
AVCC (1–2)
Analog Supply Pins. Voltage range from 4.75 V to 5.25 V.
VDD (1–4)
VDD Supply Pins. Voltage range from 8 V to 16.5 V.
VSS (1–4)
VSS Supply Pins. Voltage range from –4.75 V to –16.5 V.
DGND
Digital GND Pins
DVCC
Digital Supply Pins. Voltage range from 2.7 V to 5.25 V.
DAC_GND (1–2)
Reference GND Supply for all the DACs
REF_IN
Reference Voltage for Channels 0–31
REF_OUT
Reference Output Voltage
VOUT (0–31)
Analog Output Voltages from the 32 Channels
VIN
Analog Input Voltage. Connect this to AGND if operating in DAC mode only.
A4–A1
1, A02
Parallel Interface. 5-address pins for 32 channels. A4 = MSB of channel address. A0 = LSB.
CAL
1
Parallel Interface. Control input that allows all 32 channels to acquire VIN simultaneously.
CS/SYNC
This pin is both the active low chip select pin for the parallel interface and the frame synchronization pin for
the serial interface.
WR1
Parallel Interface. Write pin. Active low. This is used in conjunction with the
CS pin to address the device
using the parallel interface.
OFFSET_SEL
1
Parallel Interface. Offset select pin. Active high. This is used to select the offset channel.
SCLK
2
Serial Clock Input for Serial Interface. This operates at clock speeds up to 14 MHz (20 MHz in ISHA mode).
DIN
2
Data Input for Serial Interface. Data must be valid on the falling edge of SCLK.
DOUT
Output from the DAC Registers for Readback. Data is clocked out on the rising edge of SCLK and is valid
on the falling edge of SCLK.
SER/
PAR1
This pin allows the user to select whether the serial or parallel interface will be used. If the pin is tied low,
the parallel interface will be used. If it is tied high, the serial interface will be used.
OFFS_IN
Offset Input. The user can supply a voltage here to offset the output span. OFFS_OUT can also be tied to
this pin if the user wants to drive this pin with the offset channel.
OFFS_OUT
Offset Output. This is the acquired/programmed offset voltage that can be tied to OFFS_IN to offset the span.
BUSY
This output tells the user when the input voltage is being acquired. It goes low during acquisition and returns
high when the acquisition operation is complete.
TRACK/RESET2
If this input is held high, VIN is acquired once the channel is addressed. While it is held low, the input to the
gain/offset stage is switched directly to VIN. The addressed channel begins to acquire VIN on the rising edge
of
TRACK. See TRACK Input section for further information. This input can also be used as a means of
resetting the complete device to its power-on-reset conditions. This is achieved by applying a low going
pulse of between 90 ns and 200 ns to this pin. See section on
RESET Function for further details.
NOTES
1Internal pull-down devices on these logic inputs. Therefore, they can be left floating and will default to a logic low condition.
2Internal pull-up devices on these logic inputs. Therefore, they can be left floating and will default to a logic high condition.
IDEAL TRANSFER
FUNCTION
IDEAL GAIN
REFIN
DAC CODE
OUTPUT
VOLTAGE
IDEAL GAIN
50mV
0
16k
FULL-SCALE
ERROR RANGE
OFFSET
RANGE
Figure 6. DAC Transfer Function (OFFS_IN = 0)
2.96 3V
70mV
0V
VOUT
IDEAL
TRANSFER
FUNCTION
ACTUAL
TRANSFER
FUNCTION
OFFSET
ERROR
GAIN ERROR +
OFFSET ERROR
VIN
UPPER
DEAD BAND
LOWER
DEAD BAND
Figure 7. ISHA Transfer Function


Số phần tương tự - AD5533ABC-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5533ABC-1 AD-AD5533ABC-1 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD5533ABC-1 AD-AD5533ABC-1 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533ABC-1 AD-AD5533ABC-1 Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results

Mô tả tương tự - AD5533ABC-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
   Voltage Sample and Infinite Hold
Rev 0; 3/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
   Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5631 MAXIM-MAX5631_06 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
   Precision Sample and Hold with 16 Channel Multiplexer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com