công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9889ABBCZRL-80 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD9889ABBCZRL-80
Giải thích chi tiết về linh kiện  High Performance HDMI/DVI Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9889ABBCZRL-80 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD9889ABBCZRL-80 Datasheet HTML 1Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 2Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 3Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 4Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 5Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 6Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 7Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 8Page - Analog Devices AD9889ABBCZRL-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD9889A
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
B
C
D
E
F
G
J
H
K
10
8
7
6
3
2
1
95
4
BOTTOM VIEW
(Not to Scale)
Figure 2. 76-Ball BGA Configuration (Top View)
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
A1 to A10, B1
to B10, C9,
C10, D9, D10
D[23:0]
I
Video Data Input. Digital input in RGB or YCbCr format. Supports CMOS logic levels from 1.8 V to 3.3 V.
D1
CLK
I
Video Clock Input. Supports CMOS logic levels from 1.8 V to 3.3 V.
C2
DE
I
Data Enable Bit for Digital Video. Supports CMOS logic levels from 1.8 V to 3.3 V.
C1
HSYNC
I
Horizontal SYNC Input. Supports CMOS logic levels from 1.8 V to 3.3 V.
D2
VSYNC
I
Vertical SYNC Input. Supports CMOS logic levels from 1.8 V to 3.3 V.
J3
EXT_SW
I
Sets internal reference currents. Place 887 Ω resistor (1% tolerance) between this pin and ground.
K3
HPD
I
Hot Plug Detect Signal. This indicates to the interface whether the receiver is connected. 1.8 V to
5.0 V CMOS logic level.
E2
S/PDIF
I
S/PDIF (Sony/Philips Digital Interface) Audio Input. This is the audio input from a Sony/Philips
digital interface. Supports CMOS logic levels from 1.8 V to 3.3 V.
E1
MCLK
I
Audio Reference Clock. 128 × N × fS with N = 1, 2, 3, or 4. Set to 128 × sampling frequency (fS),
256 × fS, 384 × fS, or 512 × fS. 1.8 V to 3.3 V CMOS logic level.
F2, F1, G2, G1
I2S[3:0]
I
I2S Audio Data Inputs. These represent the eight channels of audio (two per input) available
through I2S. Supports CMOS logic levels from 1.8 V to 3.3 V.
H2
SCLK
I
I2S Audio Clock. Supports CMOS logic levels from 1.8 V to 3.3 V.
H1
LRCLK
I
Left/Right Channel Selection. Supports CMOS logic levels from 1.8 V to 3.3 V.
J7
PD/A0
I
Power-Down Control and I2C Address Selection. The I2C address and the PD polarity are set by the
PD/A0 pin state when the supplies are applied to the AD9889A. 1.8 V to 3.3 V CMOS logic level.
K1, K2
TxC−/TxC+
O
Differential Clock Output. Differential clock output at pixel clock rate; transition minimized
differential signaling (TMDS) logic level.
K10, J10
Tx2−/Tx2+
O
Differential Output Channel 2. Differential output of the red data at 10× the pixel clock rate; TMDS
logic level.
K7, K8
Tx1−/Tx1+
O
Differential Output Channel 1. Differential output of the green data at 10× the pixel clock rate;
TMDS logic level.
K4, K5
Tx0−/Tx0+
O
Differential Output Channel 0. Differential output of the blue data at 10× the pixel clock rate; TMDS
logic level.
H10
INT
O
Interrupt. CMOS logic level. A 2 kΩ pull up resistor to interrupt the microcontroller IO supply is
recommended.
J2, J5, J8, K9
AVDD
P
1.8 V Power Supply for TMDS Outputs.
D5, D6, D7, E7
DVDD
P
1.8 V Power Supply for Digital and I/O Power Supply. These pins supply power to the digital logic
and I/Os. They should be filtered and as quiet as possible.
G4, G5, J1
PVDD
P
1.8 V PLL Power Supply. The most sensitive portion of the AD9889A is the clock generation
circuitry. These pins provide power to the clock PLL. The designer should provide quiet, noise-free
power to these pins.
D4, E4, F4, J4,
G6, J6, K6, F7,
G7, H9, J9
GND
P
Ground. The ground return for all circuitry on-chip. It is recommended that the AD9889A be
assembled on a single, solid ground plane with careful attention given to ground current paths.


Số phần tương tự - AD9889ABBCZRL-80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results

Mô tả tương tự - AD9889ABBCZRL-80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B_15 Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889 AD-AD9889 Datasheet
2Mb / 48P
   HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com