công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS19204CBI12 bảng dữ liệu(PDF) 1 Page - Applied Micro Circuits Corporation

tên linh kiện CS19204CBI12
Giải thích chi tiết về linh kiện  SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS19204CBI12 bảng dữ liệu(HTML) 1 Page - Applied Micro Circuits Corporation

  CS19204CBI12 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS19204CBI12 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS19204CBI12 Datasheet HTML 3Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FINAL / PRODUCTION RELASE Information - The information contained in this
document is about a product in its fully tested and characterized stage. All fea-
tures described herein are dsupported. Contact AMCC for updates to this docu-
ment and the latest product status.
Empowering Intelligent Optical Networks
Product Brief
MEKONG
SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
Part Number S19204CBI12, Revision 1.21, June 2003
Features
• SONET/SDH Mux/Demux, Transport Overhead Terminating
Transceiver, & Pointer Processors for an STS-192/STM-64 and
up to 4 x STS-48/STM-16s.
• Provisionable as SONET or SDH on a per line basis.
• High Speed Side supports a 622 MHz 16-bit STS-192/STM-64
interface.
• Low Speed Side supports a 622 MHz 16-bit STS-192/STM-64
interface or four 622 MHz 4-bit STS-48/STM-16 interfaces.
• Cross-connects, in both directions, with STS-1 level granularity.
• Provisionable as SOH/LOH pass-through or termination/regen-
eration device.
• Compliant with ITU G.707, Bellcore GR-253, and ANSI T1.105
standards.
Multiplex Direction
• Multiplexes 4 STS-48/STM-16 tributaries into an STS-192/
STM-64 or bypass for STS-192/STM-64-to-STS-192/STM-64
connections.
• Provisionable pointer processor bypass available for STS-192
to STS-192 operation (through-timing). Both a full bypass (no
frame regeneration) as well as a pointer processor bypass
(frame generation enabled) are provided.
• Selector for choosing high or low-speed interfaces, Deskew
Buffers, or APS inputs.
• STS-192/STM-64 framer.
• Non-Intrusive TOH Monitoring for all inputs: STS-192/STM-64
or 4x STS-48/STM-16.
• TOH can be either terminated/regenerated, or transparently
passed-through the device on a per function basis, in both
through-timing and pointer processing applications.
Demultiplex Direction
• Demultiplexes an STS-192/STM-64 into 4 STS-48/STM-16
connections or supports a bypass mode for STS-192/STM-64-
to-STS-192/STM-64 connections.
• Provisionable pointer processor bypass available for STS-192
to STS-192 operation (through-timing). Both a full bypass (no
frame regeneration) as well as a pointer processor bypass
(frame generation enabled) are provided.
• Selector for choosing demultiplexed tributaries from high-
speed interface, low-speed interfaces or from APS inputs.
• Non-Intrusive STS-192/STM-64 Frame and TOH Monitor.
• TOH can be either terminated/regenerated, or transparently
passed-through the device on a per function basis.
• STS-192/STM-64 or 4 x STS-48/STM-16 framer(s).
• Configurable TOH Generators for STS-192/STM-64 or STS-48/
STM-16 outputs.
Figure 1: Block Diagram
MX_HSDATA_OUT[15:0]
DX_HSCLK_IN
FRAM192
FRGN192
MX_HSCLK_OUT
DX_HSDATA_IN[15:0]
TOH DROP
TOH
INSERT
TOH
INSERT
TOH
DX_LSCLK_OUT[1:4]
High Speed
Interface
Low Speed
Interface
Demux
Direction
Mux
Direction
MICROPROCESSOR I/F
PNTR
PROC./
DROP
TOH
INSERT
16
16
DX_LSDATA_OUT[1:4][3:0]
MX_LSDATA_IN[1:4][3:0]
MX_LSCLK_IN[1:4]
16
MX_LSDATA_IN[1:16]
DX_LSDATA_OUT[1:16]
MUX
PNTR
or
or
DSKEW
M
U
X
PROC
MUX
TOH_Remap
TOH_Remap
M
U
X
POH
MON
POH
MON


Số phần tương tự - CS19204CBI12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Applied Micro Circuits ...
CS19201 AMCC-CS19201 Datasheet
88Kb / 2P
   STS-192 SONET/SDH Interleaver/Disinterleaver
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
   STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
CS19203CBI20 AMCC-CS19203CBI20 Datasheet
81Kb / 3P
   Variable Rate Digital Wrapper Framer/Deframer, PM, and FEC Device
CS19205CBI AMCC-CS19205CBI Datasheet
198Kb / 3P
   10 Gigabit Ethernet MAC and PHY/OC-192c POS Framer/Mapper
CS19208CBI AMCC-CS19208CBI Datasheet
131Kb / 4P
   OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
More results

Mô tả tương tự - CS19204CBI12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Applied Micro Circuits ...
CS19223CBI11 AMCC-CS19223CBI11 Datasheet
92Kb / 3P
   SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
logo
Exar Corporation
PEB2756AE EXAR-PEB2756AE Datasheet
143Kb / 3P
   QUAD STS-192/STM-64 MUX/DEMUX
logo
Applied Micro Circuits ...
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
   SONET/SDH STS-48/STM-16 Framer/Pointer Processor
logo
Exar Corporation
PEB2757AE EXAR-PEB2757AE Datasheet
183Kb / 3P
   4 STS-192/STM-64, 16 STS-48/STM-16, MUX/DEMUX
PEB1757E EXAR-PEB1757E Datasheet
40Kb / 2P
   TETHYS??4192 QUAD STS-192/STM-64 MUX/DEMUX
PEB1757AE EXAR-PEB1757AE Datasheet
51Kb / 2P
   TETHYS 2 STS-192/STM-64, 16 STS-48/STM-16, MUX/DEMUX
PEB1757E EXAR-PEB1757E_08 Datasheet
51Kb / 2P
   TETHYS??2 STS-192/STM-64, 16 STS-48/STM-16, MUX/DEMUX
PEB1756E EXAR-PEB1756E_09 Datasheet
58Kb / 2P
   PEB1756E TETHYS??4192 DUAL STS-192/STM-64 MUX/DEMUX
PEB1756AE EXAR-PEB1756AE Datasheet
58Kb / 2P
   PEB1756E TETHYS 4192 DUAL STS-192/STM-64 MUX/DEMUX
logo
Agere Systems
TSOT0410G4 AGERE-TSOT0410G4 Datasheet
2Mb / 190P
   SONET/SDH STS-192 Overhead and Path Processor
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com