công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS19202CBI30 bảng dữ liệu(PDF) 1 Page - Applied Micro Circuits Corporation

tên linh kiện CS19202CBI30
Giải thích chi tiết về linh kiện  STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS19202CBI30 bảng dữ liệu(HTML) 1 Page - Applied Micro Circuits Corporation

  CS19202CBI30 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS19202CBI30 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AMCC
Production Release Information - The information con-
tained in this document is about a product in its fully tested
and characterized stage. All features described herein are
supported. Contact AMCC for updates to this document and
the latest product status.
Features
General Description
GANGES
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
S19202 Block Diagram
PRODUCT BRIEF
Part Number - S19202CBI30
Product Brief Revision 3.1 - January 2002
• Supports full duplex mapping of ATM cells or packets for a
single STS-192c/AU-4-64c, four STS-48c/AU-4-16c or six-
teen STS-12c/AU-4-4c SONET/SDH payloads.
• Supports a single STS-192/STM-64 or quad STS-48/STM-
16 line interfaces on the line side and on the protection
port. Each STS-48/STM-16 can support a concatenated
payload or can be channelized down to STS-12c/AU-4-4c.
• Terminates and generates SONET/SDH section, line, &
path layers on the line side and APS port, with transport/
section E1, E2, F1 and DCC overhead interfaces in both
transmit and receive directions.
• Supports independent loop timing when in quad STS-48/
STM-16 mode.
• Supports protection switching (APS) between two Ganges
devices or between two fiber optics modules
• Provides an Optical Internetworking Forum (OIF) SFI-4
compliant 622.08 MHz, 16-bit bus LVDS interface on the
line side in both the TX and RX directions.
• Provides a 64-bit, 200 MHz FlexBus 4 system interface
that supports the transfer of either packets or ATM cells.
• Support mixed ATM and POS data termination, config-
urable on a per-tributary basis
• 16-bit synchronous microprocessor interface for configura-
tion, control, and status monitoring.
• Packaged in a 624-pin CBGA.
• Implemented in .18 micron, 1.8V and 2.5V technology.
The Ganges IC is a highly integrated VLSI device that pro-
vides full duplex mapping of Packets or ATM cells into
SONET/SDH payloads at rates up to 9.95Gb/s.
Ganges provides full section and line overhead processing
for either a single STS-192/STM-64, or four STS-48/STM-16.
It supports framing, scrambling and descrambling, alarm sig-
nal insertion and detection, and bit interleaved parity (B1/B2)
processing. It also provides path overhead processing for
STS-192c/AU-4-64c, STS-48c/AU-4-16c or STS-12c/AU-4-
4c SONET/SDH payloads and includes bit interleaved parity
(B3) processing.
The automatic protection switching (APS) port of the Ganges
supports generation and termination of SONET/SDH section
and line, as well as TOH insertion and extraction. This allows
inter-device protection switching between two Ganges
devices or intra-device protection between two fiber optics
modules.
The Ganges is SONET/SDH standards compliant with
Bellcore GR-253, ITU G.707, and ANSI T1.105 -1995.
Applications
• Core ATM switches and IP Routers (POS)
• ATM, POS and Frame Relay line cards in Edge and Metro
Switches
• Direct Mapping of any traffic type in SONET/SDH STS-192/
STM-64 and STS-48/STM-16 payloads
RX_DATA_IN[15:0]
RX_CLK_IN_[1:4]
SRX_DATA_OUT[63:0]
LBK
SEL
TOH
MON.
STX_DATA_IN[63:0]
TX_DATA_OUT[15:0]
SPE/VC
GENERATOR
POH
MONITOR
POINTER
INTERPRETER
FRTX
LOC
DET
TX_CLK_OUT[1:4]
/
HDLC /ATM
Proc
HDLC /ATM
Proc
Control
Control
SEL
MICROPROCESSOR I/F
S
E
L
FRM x4
MUX
TOH INSERT
FRMR
FRGEN
SYSTEM
ATM/POS
FIFO
POH
GENERATION
x16
x16
x16
x16
x16
x16
x4
x4
x16
x16
INTRFC/
SYSTEM
ATM/POS
FIFO
INTRFC/
JTAG
RX PROT
PROT TX
FR GEN x4
TOH EXTRACT


Số phần tương tự - CS19202CBI30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Applied Micro Circuits ...
CS19201 AMCC-CS19201 Datasheet
88Kb / 2P
   STS-192 SONET/SDH Interleaver/Disinterleaver
CS19203CBI20 AMCC-CS19203CBI20 Datasheet
81Kb / 3P
   Variable Rate Digital Wrapper Framer/Deframer, PM, and FEC Device
CS19204CBI12 AMCC-CS19204CBI12 Datasheet
92Kb / 3P
   SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
CS19205CBI AMCC-CS19205CBI Datasheet
198Kb / 3P
   10 Gigabit Ethernet MAC and PHY/OC-192c POS Framer/Mapper
CS19208CBI AMCC-CS19208CBI Datasheet
131Kb / 4P
   OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
More results

Mô tả tương tự - CS19202CBI30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
   STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Applied Micro Circuits ...
CS1201QFI22 AMCC-CS1201QFI22 Datasheet
41Kb / 2P
   STS-12c/STS-3c POS/ATM SONET MAPPER
CS4804 AMCC-CS4804 Datasheet
42Kb / 2P
   OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
   OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
logo
Applied Micro Circuits ...
CS1202 AMCC-CS1202 Datasheet
68Kb / 2P
   STS-12 ATM/DS3 SONET MAPPER
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C_15 Datasheet
2Mb / 55P
   OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer EVM User Manual
logo
Agere Systems
TSOT0410G4 AGERE-TSOT0410G4 Datasheet
2Mb / 190P
   SONET/SDH STS-192 Overhead and Path Processor
logo
Applied Micro Circuits ...
CS19201 AMCC-CS19201 Datasheet
88Kb / 2P
   STS-192 SONET/SDH Interleaver/Disinterleaver
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
   SONET/SDH STS-48/STM-16 Framer/Pointer Processor
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com