1 / 2 page
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CMOS
HA-A390 Series
Description
The HA-A390 Series of quartz crystal oscillators provide CMOS compatible signals for general purpose
timing applications.
Features
• Wide frequency range–70.1MHz to 125.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• 3.3 volt operation
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• All metal, resistance weld, hermetically sealed
package
• Gold plated leads - Solder dipped leads available
upon request
Electrical Connection
Pin
Connection
1
N.C.
4
Grd & Case
5
Output
8
V
DD
Dimensions are in inches and MM.
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0019A
Rev. C