công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3106R20-27SZF80 bảng dữ liệu(PDF) 7 Page - ITT Industries

tên linh kiện CA3106R20-27SZF80
Giải thích chi tiết về linh kiện  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3106R20-27SZF80 bảng dữ liệu(HTML) 7 Page - ITT Industries

Back Button CA3106R20-27SZF80 Datasheet HTML 3Page - ITT Industries CA3106R20-27SZF80 Datasheet HTML 4Page - ITT Industries CA3106R20-27SZF80 Datasheet HTML 5Page - ITT Industries CA3106R20-27SZF80 Datasheet HTML 6Page - ITT Industries CA3106R20-27SZF80 Datasheet HTML 7Page - ITT Industries CA3106R20-27SZF80 Datasheet HTML 8Page - ITT Industries CA3106R20-27SZF80 Datasheet HTML 9Page - ITT Industries CA3106R20-27SZF80 Datasheet HTML 10Page - ITT Industries CA3106R20-27SZF80 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ittcannon.com
173
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Contact Arrangements (Continued)
LEGEND
Resilient only
Resilient & Plastic
Shell Size
No. of Contacts
Service Rating
24-28
24 #16
Inst.
28-7
2 #4
D
28-22
3 #16(D-F)
3 #4(A-C)
D
28-10
3 #12(A,F,G)
2 #8(B,E)
2 #4(C,D)
D(G), A(all others)
28-1
6 #12(A,B,D-F,H)
3 #8(C,J,G)
D(A,E,J)
A(all others)
28A16
5 #16(A,D-F,J)
4 #4(B,C,G,H)
A
28-19
6 #16(A-C,H,L,M)
4 #12(E,G,J,K)
A(C,E,G,J,K,L)
B(H,M),D(A,B)
28-12
26 #16
A
28-11
18 #16(A-I, N-X)
4 #12(J-M)
A
28-16
20 #16
A
28-17
15 #16
A(A-L), B(R)
D(M-P)
28-20
4 #16(K-N)
10 #12(A-J,P)
A
28-2
12 #16(A,L,N)
2 #12(M,P)
D
28-9
6 #16(A,H-M)
6 #12(B-G)
D
28-15
35 #16
A
For MIL equip
design, use 28-21
28-21
37 #16
A
28A51
43 #16
A
32-17
4 #4
D
32-1
3 #12(A,C,D)
2 #0(B,E)
E(A),D(all others)
32-15
2 #0(A,G)
6 #12(B,C,D,E,F,H)
D
32-9
12 #16(C-N)
2 #4(A,B)
D
36-4
3 #0
A(B,C),C(A)
32A10
54 #16
A
32A47
47 #16
A
32-7
28 #16(A-N,W-Z,a-k)
7 #12(O-V)
Inst. (A,B,h,j)
A(all others)
32-8
24 #16(A-L,T-Z,a-e)
6 #12(M-S)
2 #8(O,R)
A
For new MIL equip.
design, use 32-7
32-6
16 #16(A-O,S)
2 #12(U,V)
3 #8(P,R,T)
2 #4(W,X)
A
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
*NOTE: Additional layouts are the same as shown but in unique alternate positioins. Please consult the factory.
High Volume Layouts - readily
available from Cannon Distributors
¢
¢
¢
¢
A
A
A
A
B
B
B
B
C
C
C
D
D
D
E
E
E
F
F
F
G
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
G
G
G
G
G
H
H
H
H
H
H
H
H
H
H
H
H
H
J
J
J
I
I
J
J
J
J
J
J
J
I
J
J
J
K
L
L
L
L
L
L
L
L
L
L
K
K
K
K
K
K
K
K
K
K
L
M
M
M
M
M
M
M
M
M
M
M
N
N
N
N
N
N
N
N
N
P
P
P
P
P
P
P
P
P
O
O
Q
R
R
R
R
R
R
R
S
S
S
S
S
S
T
T
T
T
T
T
U
U
U
U
U
U
V
V
V
V
V
V
W
W
W
W
W
X
X
X
X
X
Y
Y
Y
Z
Z
a
a
b
b
c
c
d
d
e
e
f
g
h
j
k
l
m
A
A
A
A
A
A
A
B
B
B
B
B
B
B
C
C
C
C
C
C
C
D
D
D
D
D
D
D
E
E
E
E
E
E
F
F
F
F
F
G
G
G
G
H
H
H
H
J
J
I
J
G
H
J
L
L
L
L
K
K
K
K
M
M
M
M
N
N
N
N
P
P
O
O
P
P
R
R
R
R
S
S
S
S
T
T
T
T
U
U
U
U
V
V
V
V
W
W
W
W
X
X
X
Y
Y
Y
Z
Z
Z
Z
a
a
a
b
b
b
c
c
a
b
c
c
d
d
d
d
e
e
e
e
f
f
f
f
g
g
g
g
h
h
h
h
j
j
j
j
k
k
k
k
l
l
n
p
r
s
m
n
p
q
r
s
t
u
v
w
x
y
A
A
B
B
C
C
D
E
F
G
H
J
L
K
M
N
l
m
n
p
r
s
t
u
v
w
y
m
Z
a
b
d


Số phần tương tự - CA3106R20-27SZF80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
CA3106R20-27SZ ITT-CA3106R20-27SZ Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
More results

Mô tả tương tự - CA3106R20-27SZF80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com