công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3100F20-27PZF80 bảng dữ liệu(PDF) 9 Page - ITT Industries

tên linh kiện CA3100F20-27PZF80
Giải thích chi tiết về linh kiện  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3100F20-27PZF80 bảng dữ liệu(HTML) 9 Page - ITT Industries

Back Button CA3100F20-27PZF80 Datasheet HTML 5Page - ITT Industries CA3100F20-27PZF80 Datasheet HTML 6Page - ITT Industries CA3100F20-27PZF80 Datasheet HTML 7Page - ITT Industries CA3100F20-27PZF80 Datasheet HTML 8Page - ITT Industries CA3100F20-27PZF80 Datasheet HTML 9Page - ITT Industries CA3100F20-27PZF80 Datasheet HTML 10Page - ITT Industries CA3100F20-27PZF80 Datasheet HTML 11Page - ITT Industries CA3100F20-27PZF80 Datasheet HTML 12Page - ITT Industries CA3100F20-27PZF80 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ittcannon.com
175
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Cable Connecting Plug (Receptacle with no mounting flange)
MS3101E/MS3101F
Integral Cable Clamp
CA3101E/CA3101E
MS3101E cable connecting
plugs are used for cable
extension requirements, where
mounting provisions are
unnecessary.
MS3101E plugs mate with
3106, 3107 and 3108 plugs.
Note: the D revision of
MIL-C-5015 has changed the
nomenclature of the 3101 from
receptacle to plug.
MS3101R cable connecting plug
is identical in purpose to the
MS3101E. The MS3101R
features a shorter lightweight
endbell and mates with 3106,
3107 and 3108 plugs. Note:
The D revision of the
MIL-C-5015 specification has
changed the nomenclature of
the 3101 from receptacle to
plug.
MS3101R
Shell
Size
Shell
Size
†Not to MS specification
*Not Available in MS3101E and MS3101R.
Performance Specifications - Page 168
Contact, Sealing Plugs, Assembly Tools - Page
187
Contact Arrangements - Page 171-174
8S
10S
10SL
12S
14S
16S
12
14
1/2-28UNEF-2A
5/8-24UNEF-2A
5/8-24UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
1-1/8-18UNEF-2A
1-1/4-18UNEF-2A
1-3/8-18UNEF-2A
1-1/2-18UNEF-2A
1-3/4-18UNS-2A
2-18UNS-2A
2-1/4-16UN-2A
2-1/2-16UN-2A
16
18
20
22
24
28
32
36
40
Shell
Size
A
Thread
A
Thread
8S
10S
10SL
12S
14S
16S
12
14
16
18
20
22
24
28
32
36
40
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.235 (5.97)
.235 (5.97)
.297 (7.54)
.297 (7.54)
.422 (10.72)
.547 (13.89)
.297 (7.54)
.422 (10.72)
.547 (13.89)
.610 (15.49)
.735 (18.67)
.740 (18.80)
.922 (23.42)
.922 (23.42)
1.235 (31.37)
1.360 (34.54)
1.628 (41.35)
.102 (2.59)
.102 (2.59)
.140 (3.56)
.140 (3.56)
.195 (4.95)
.255 (6.48)
.140 (3.56)
.195 (4.95)
.255 (6.48)
.285 (7.24)
.350 (8.89)
.350 (8.89)
.468 (11.89)
.468 (11.89)
.664 (15.87)
.694 (17.63)
.911 (23.14)
.844 (21.44)
.969 (24.61)
1.062 (26.97)
1.062 (26.97)
1.156 (29.36)
1.281 (32.54)
1.062 (26.97)
1.156 (29.36)
1.281 (32.54)
1.344 (34.14)
1.500 (38.10)
1.625 (41.28)
1.750 (44.45)
2.000 (50.80)
2.250 (57.15)
2.500 (63.50)
2.750 (69.85)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.140 (3.56)
.140 (3.56)
.140 (3.56)
.146 (3.71)
.146 (3.71)
.146 (3.71)
.180 (4.57)
.180 (4.57)
.180 (4.57)
.203 (5.16)
.203 (5.16)
.203 (5.16)
.203 (5.16)
.203 (5.16)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.625 (66.68)
2.625 (66.58)
2.625 (66.58)
2.688 (68.28)
2.750 (69.85)
2.750 (69.85)
2.969 (75.44)
3.031 (76.99)
3.031 (76.99)
3.281 (83.34)
3.560 (89.66)†
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
2.181 (55.40)
2.181 (55.40)
2.181 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.322 (58.98)
2.322 (58.98)
2.427 (61.65)†
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.812 (20.62)
.812 (20.62)
.875 (22.23)
.875 (22.23)
.875 (22.23)
.890 (22.61)
.890 (22.61)
.970 (24.64)
.970 (24.64)
1.150 (29.21)
1.250 (31.75)
.970 (24.64)
1.150 (29.21)
1.250 (31.75)
1.450 (36.83)
1.570 (39.88)
1.570 (39.88)
1.880 (47.75)
1.880 (47.75)
2.205 (56.01)
2.400 (60.96)
2.840 (72.14)
.515 (13.08)
.640 (16.26)
.640 (16.26)
.765 (19.43)
.890 (22.61)
1.015 (25.78)
.765 (19.43)
.890 (22.61)
1.015 (25.78)
1.140 (28.96)
1.265 (32.13)
1.390 (35.31)
1.515 (38.48)
1.765 (44.83)
2.015 (51.18)
2.270 (57.66)
2.427 (61.65)
.840 (21.34)
.840 (21.34)
.900 (22.86)
.900 (22.86)
1.00 (27.94)
1.200 (30.48)
.900 (22.86)
1.100 (27.94)
1.200 (30.48)
1.300 (33.02)
1.500 (38.10)
1.500 (38.10)
1.740 (44.20)
1.740 (44.20)
2.075 (52.71)
2.300 (58.42)
2.688 (68.28)
1.046 (26.57)
1.046 (26.57)
1.125 (28.58)
1.125 (28.58)
1.343 (34.11)
1.484 (37.69)
1.125 (28.58)
1.343 (34.11)
1.484 (37.69)
1.609 (40.87)
1.890 (48.01)
1.890 (48.01)
2.170 (55.12)
2.170 (55.12)
2.656 (67.46)
2.922 (74.22)
-
*
B
Min.
E
Max.
E
Min.
G
Max.
K
Max.
L
Max.
L
Max.
1
1
P
Max.
S
Max.
V
Max.
W
Max.
M
+.031(0.79)
-.000(0.00)
CA3101R
W
G
G
S 1
S 1
P
P
V
A Thd.
A Thd.
B
B
M
M
L
1
L
K
K
E


Số phần tương tự - CA3100F20-27PZF80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3100 INTERSIL-CA3100 Datasheet
128Kb / 7P
   38MHz, Operational Amplifier
January 1999
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
ITT Industries
CA3100A ITT-CA3100A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

Mô tả tương tự - CA3100F20-27PZF80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com