công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM1404ASMIQ6F bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện STM1404ASMIQ6F
Giải thích chi tiết về linh kiện  Security Supervisor with Battery Switchover
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404ASMIQ6F bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  STM1404ASMIQ6F Datasheet HTML 1Page - STMicroelectronics STM1404ASMIQ6F Datasheet HTML 2Page - STMicroelectronics STM1404ASMIQ6F Datasheet HTML 3Page - STMicroelectronics STM1404ASMIQ6F Datasheet HTML 4Page - STMicroelectronics STM1404ASMIQ6F Datasheet HTML 5Page - STMicroelectronics STM1404ASMIQ6F Datasheet HTML 6Page - STMicroelectronics STM1404ASMIQ6F Datasheet HTML 7Page - STMicroelectronics STM1404ASMIQ6F Datasheet HTML 8Page - STMicroelectronics STM1404ASMIQ6F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STM1404
2/9
SUMMARY DESCRIPTION
The STM1404 family of security supervisors are a
low power family of intrusion (tamper) detection
chips targeted at manufacturers of POS terminals
and other systems, to enable them to meet phys-
ical and/or environmental intrusion monitoring
requirements as mandated by various standards,
such as Federal Information Processing Stan-
dards (FIPS) Pub 140 entitled “Security Require-
ments for Cryptographic Modules,” published by
the National Institute of Standards and Technolo-
gy, U.S. Department of Commerce), EMVCo, ISO,
ZKA, and VISA PED.
STM1404 will target the highest security level 4
and include both physical and environmental (volt-
age and temperature) monitoring.
The STM1404 include Automatic Battery Switcho-
ver, RST Output (Open Drain), Manual (Push-but-
ton) Reset Input (MR), Power-fail Comparator
(PFI/PFO),
Physical
and/or
Environmental
Tamper Detect/Security Alarm, and Battery Low
Voltage Detect features.
The STM1404A also offers a VREF (1.237V) as an
option on pin 9. On STM1404B/C this pin is VTPU
(internally switched VCC or VBAT).
VOUT Pin Modes
The STM1404 is available in three versions, corre-
sponding to three modes of the VOUT pin (Supply
Voltage Out), when the SAL (Security Alarm) is as-
serted (active-low) upon tamper detection:
STM1404A. VOUT stays ON (at VCC or VBAT)
when SAL is driven low (activated).
STM1404B. VOUT is set to High-Z when SAL is
driven low (activated).
STM1404C. VOUT is driven to Ground when SAL
is activated (may be used when VOUT is connected
directly to the VCC pin of the external SRAM that
holds the cryptographic codes).
All variants (see Table 1., Device Options) are pin-
compatible and available in a security-friendly, low
profile, 16-pin QFN package.
Figure 2. Logic Diagram
Note: 1. VREF only for STM1404A; VTPU for STM1404B/C.
2. Normal Mode: Low when VOUT is internally switched to
VCC and High when VOUT is internally switched to battery.
3. SAL, RST, PFO, and BLD are Open Drain.
Table 2. Signal Names
Note: See PIN DESCRIPTIONS of the full datasheet for details.
1. Normal Mode: Low when VOUT is internally switched to
VCC and High when VOUT is internally switched to battery.
2. SAL, RST, PFO, and BLD are Open Drain.
3. VREF only for STM1404A; VTPU for STM1404B/C.
AI09682a
VCC
VBAT
STM1404
VSS
VOUT
VREF
or
VTPU
(1)
VCCSW
(2)
MR
SAL(3)
BLD(3)
PFI
TP1 (NH)
TP2
(NL)
TP3
(NH)
TP4
(NL)
PFO(3)
RST(3)
Vccsw(1)
VCC Switch Output
MR
Manual (Push-button) Reset Input
PFI
Power-fail Input
TP1 - TP4
Independent Physical Tamper
Detect Pins 1 through 4
VOUT
Supply Voltage Output
RST(2)
Active-low Reset Output
PFO(2)
Power-fail Output
SAL(2)
Security Alarm Output
BLD(2)
Battery Low Voltage Detect
VREF
(3)
1.237V Reference Voltage
VTPU
(3)
Tamper Pull-up
(VCC or VBAT)
VBAT
Back-up Supply Voltage
VCC
Supply Voltage
VSS
Ground


Số phần tương tự - STM1404ASMIQ6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1404ASMBQ6F STMICROELECTRONICS-STM1404ASMBQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM1404ASMCQ6F STMICROELECTRONICS-STM1404ASMCQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM1404ASMDQ6F STMICROELECTRONICS-STM1404ASMDQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
More results

Mô tả tương tự - STM1404ASMIQ6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
logo
Maxim Integrated Produc...
MAX4959 MAXIM-MAX4959 Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com