công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA3106R20-27PYF80 bảng dữ liệu(PDF) 8 Page - ITT Industries |
|
CA3106R20-27PYF80 bảng dữ liệu(HTML) 8 Page - ITT Industries |
8 / 15 page www.ittcannon.com 174 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-5015 Connectors MS-E/F/R/ER Contact Arrangements (Continued) LEGEND Resilient only Resilient & Plastic Shell Size No. of Contacts Service Rating 36-5 4 #0 A 36-6 4 #4(B,C,E,F) 2 #0(A,D) A 36-14 6 #16(K-N,P,Q) 5 #12(B,D,F,H,J) 5 #8(A,C,E,G,I) D 36A16 18 #12 (B,C,V,J,K,M,N, R, T-Iron; A,D-F,H,L P,S,U-Constantan) A 36A46 27 #12 A 36-9 14 #16(A-G,Z-f) 14 #12(H-N,S-Y) 2 #8(O,R) 1 #4(P) A 36A66 52 #16(A-c,h-AK) 4 #12(d,e,f,g) A 36A34 52 #16 A 36-10 48 #16 A 36-8 46 #16(A-X,Z-z 1 #12(Y) A 36-7 40 #16(A-Z,a-s) 7 #12(t-z) A 36-15 35 #16 D(m), A (all others) 40A33 7 #8(G-N) 6 #4(A-F) A 40-10 16 #16(A,B,E-H,M,N,P Q,V-Y,b,c) 9 #8(C,D,I,L,O,R,U,Z,a) 4 #4(K,J,S,T) A 40A27 60 #16 A 40-56 85 #16 A 48-5 90 #16(A-BL,BN-BT,BW,BX) 1 #8(CD) 9 #12(BM,BU,BV,BY-CC,CE) A 44-1 36 #16(A-S,Z-t 6 #12(T-Y) D Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating High Volume Layouts - readily available from Cannon Distributors Grommet not available. Consult factory for ordering connectors with this arrangment. ¢ ¢ † † A B C D E F G H J K L M N P Q R S T U V W X Y Z a b c d e f g h j k m n p q AA AB AC AD AE AF AG AH AJ AK AL AM AN AP AQ AR AS AT AU AV AW AX AY AZ BA BB BC BD BE BF BG BH BJ BK BL BM BM BP BQ BR BS BU BV BW BX BT BZ BY CC CD CA CB CE AA AB AC AD AE AF AG AJ AK AL AM AN AP AR AS AT AU AV AW AX AY AZ BA BB BC BD BE BF BG BJ BK BL BN BM BP BR BS BU BV BT r s t u v w x y z A 1 24 23 22 21 20 19 18 17 16 15 14 35 50 59 60 54 42 41 53 52 51 36 40 39 38 37 25 43 55 58 49 34 13 2 26 44 56 57 48 33 12 3 4 28 27 45 46 47 32 11 29 30 31 10 5 6 7 8 98 A A B B B C C C D D D E E E F F F G G H H H J J J I K K K L L L M M M N N O N P P R R S S T T U U V V W W X X Y Y Z Z a a b b c c d d e f f g g h i h j j k k m m n n o p p q r r s s t t u v w x y z A A A A A A A A A A A A B B B B B B B B B B B C C C C C C C C C C C C D D D D D D D D D D D D E E E E E E E E E E E F F F F F F F F F F F G G G G G G G G G H H H H H H H H H H J J J J J J J J J J I I I I I K K K K K K K K K K L L L L L L L L L L M M M M M M M M M M N N N N N N N N N N O O O O P P P P P P P P P Q Q Q R R R R R R R R R S S S S S S S S S T T T T T T T T T U U U U U U U U U V V V V V V V V W W W W W W W W X X X X X X X X Y Y Y Y Y Y Y Y Z Z Z Z Z Z Z Z a a a a a a a a b b b b b b b b c c c c c c c c d d d d d d d d e e e e e e e f f f f f f f g g g g g g h h h h h h l i i i j j j j j k k k k k k m m m m m m n n n n n p p p p p q q r r r r r s s s s s t t t t t u u u u u v v v v v w w w w w x x x x x y y y y z z AA AA AB AB AK AJ AM AD AD AE AE AF AF AG AG AC AC z z z † |
Số phần tương tự - CA3106R20-27PYF80 |
|
Mô tả tương tự - CA3106R20-27PYF80 |