công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA3102E20-27SWF80 bảng dữ liệu(PDF) 1 Page - ITT Industries |
|
CA3102E20-27SWF80 bảng dữ liệu(HTML) 1 Page - ITT Industries |
1 / 15 page www.ittcannon.com 167 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-5015 Connectors MS-E/F/R/ER How to Order ITT Cannon is the foremost manufacturer of MS and MS type connectors with the widest range of connector styles, sizes and variations in the indus- try. These connectors utilize the finest materials, which, along with precision manufacturing and rigid quality control, assure ITT Cannon customers of the finest quality connectors. These circular connectors were originally designed for aircraft, but are now widely used in many other fields. They are particularly suitable for commercial applications requiring low cost and high reliability. ENVIRONMENTAL RESISTANT MS-E, MS-F, MS-R AND F80 (Solder/Crimp Termination) MS-E, MS-F and MS-R are similar to MS-A and MS-B connectors but have resilient insulators and wire sealing grommets for extreme environmental conditions and high altitude sealing. MS-E's and MS-F's have a mechanical cable clamp; the MS-R has a shorter, lighter weight endbell without the cable clamp. Both the MS-F and MS-R have 0 rings to supplement the interfacial seal. Shells are alumi- num alloy. Contacts are siliver plated copper alloy. The F80 modification (crimp contact termination) is available in E, R, F and BFR styles with resilient insulators. In the latest revision of MIL-C-5015, a new class of environment-resistant connectors was added. This new class F connector supersedes the previous class E connector. The MS3106F is identical to the MS3106E except that the MS3106F has an "0" ring under the coupling nut. The class E will still be available upon request for exitsting programs, and upon ordering will also bear the E nomenclature on the shell. MS-F and MS-R connectors are designed to operate in the extreme environmental conditions of high altitude filight and must be completely sealed to withstand moisture, condensation, vibration, corona and flashover caused by high altitude environments. They have resilient grommet with internal restric- tions in the wire cavities which act as 0 rings around the wires. This allows the wires to slide thru the grommet with a minimum of friction, yet when the ferrule is seated and the endbell tightened it provides a perfect wire seal thru a wide variety of wire diameters. This seal at the rear, plus the interfacial seal at the front, effects a completely environment-resistant asssembly when the plug is mated to and F or R receptacle. Sockets are of the closed-entry type. The temperature range for this connector is -55˚C (-67˚F) to +125˚C (+257˚F) and meets the requirements of MIL-C-5015. The F80 modification (crimp contact termination) is avialable in resilient insulators in the E, R, F, and BFR styles, creating a large selection of insert assemblies and hardware. Components are identical to the MS-5015 except that the contacts are modified for crimp termination providing and in- expensive crimp contact connector with the proven reliability of and complete intermateability with the MS-5015 series. See page 187 for assembly in- structions. Cable clamps have been integrally de- signed with the endbell on MS-E and MS-F connec- tors. Class R is without the cable clamp. POTTING ER CONNECTORS (Solder Contact Termination) These lightweight potting connectors provide re- sistance to salt water, fuels, etc., and will with- stand the effects of high vibration. 3100 and 3106 connectors with plastic potting cups and resilient inserts meet the requirements of MS3103 and MS25183. Contacts are silver plated copper or brass. ER insulators are resilient; shells are alumi- num alloy. A 90˚ plug (3108ER) is also available. ACCESSORIES Accessories to fit MS connectors include junction shells, protective caps, dummy or stowage recepta- cles, cable clamps, telescoping bushings. PREFIX CA MS 3106 3106 R R 20 20 27 27 P P W W * - - - PREFIX MS - Conforms to latest MIL-C-5015 revision CA - Cannon designation (for any modification) Coupling thread diameter in sixteenths of an inch See pages 171-174 P for Pin; S for Socket W, X, Y and Z (omit for "Normal") (applies to CA numbers only, not MS) F80 - Crimp type contacts. See page 187 for assembly instructions. 3100 - Wall mounting receptacle 3101 - Cable connecting plug 3102 - Box mounting receptacle 3106 - Straight plug 3108 - 90˚ angle plug E/F - Environmental with resilient insulators and integral cable clamp. R - Environmental with resilient insualtors and shortened light weight endbell; also additional sealing with 0 ring seal under coupling nut in styles 3106 and 3108 When ordering MS3106F to the Cannon part number, designate CA06R. See pages 177 and 181. * * SHELL STYLE SHELL STYLE CLASS CLASS SHELL SIZE SHELL SIZE CONTACT ARRANGEMENT CONTACT ARRANGEMENTs CONTACT TYPE CONTACT TYPE ALTERNATE INSERT POSITION ALTERNATE INSERT POSITION MODIFICATION CODE MODIFICATION CODE |
Số phần tương tự - CA3102E20-27SWF80 |
|
Mô tả tương tự - CA3102E20-27SWF80 |