công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3207TLX bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM3207TLX
Giải thích chi tiết về linh kiện  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3207TLX bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3207TLX Datasheet HTML 2Page - National Semiconductor (TI) LM3207TLX Datasheet HTML 3Page - National Semiconductor (TI) LM3207TLX Datasheet HTML 4Page - National Semiconductor (TI) LM3207TLX Datasheet HTML 5Page - National Semiconductor (TI) LM3207TLX Datasheet HTML 6Page - National Semiconductor (TI) LM3207TLX Datasheet HTML 7Page - National Semiconductor (TI) LM3207TLX Datasheet HTML 8Page - National Semiconductor (TI) LM3207TLX Datasheet HTML 9Page - National Semiconductor (TI) LM3207TLX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Note 5: Junction-to-ambient thermal resistance (
θJA) is taken from thermal measurements, performed under the conditions and guidelines set forth in the JEDEC
standard JESD51-7.
Note 6: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm. Due
to the pulsed nature of the testing TA =TJ for the electrical characteristics table.
Note 7: The parameters in the electrical characteristics table are tested under open loop conditions at PVIN = 3.6V. For performance over the input voltage range
and closed loop results refer to the datasheet curves.
Note 8: Shutdown current includes leakage current of PFET.
Note 9: IQ specified here is when the part is operating at 100% duty cycle.
Note 10: Current limit is built-in, fixed, and not adjustable. Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and
temperature. Electrical Characteristic table reflects open loop data (FB = 0V and current drawn from SW pin ramped up until cycle by cycle limit is activated). Closed
loop current limit is the peak inductor current measured in the application circuit by increasing output current until output voltage drops by 10%.
Note 11: Ripple voltage should measured at COUT electrode on good layout PC board and under condition using suggested inductors and capacitors.
Note 12: Transient Pull-up current (IPUT) and Transient Pull-down Current (IPDT) will be tested which are inversely proportional to charge and discharge times tLDO,
ON
and tLDO, OFF respectively.
Note 13: Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its nominal value.
Typical Performance Characteristics (Circuit in Figure 3, See Operation Description Section),
PV
IN = EN = 3.6V, L = 3.0µH, (DCR = 0.12
Ω, FDK MIPW3226D3R0M); C
IN = 10µF, (6.3V, 0805, TDK C2012X5R0J106K);
C
OUT = 4.7µF, (6.3V, 0603, TDK C1608X5R0J475M), CLDO = 100nF, 10V, (0402, TDK C1005X5R1A104KT) (or 220nF,
(6.3V, 0402, TDK C1005X5R0J224KT)) can be used. T
A = 25˚C unless otherwise specified.
LDO Typical Performance Curves
LDO Voltage vs Load Current
(C
LDO = 100nF)
LDO Dropout Voltage vs Load Current
(C
LDO = 100nF), (Note 13)
20165378
20165330
LDO Short Circuit Current vs Voltage
(V
IN = 3.0V, CLDO = 100nF)
LDO Output Noise Density
(I
LOAD = 1mA, CLDO = 100nF and 220nF)
20165360
20165380
www.national.com
6


Số phần tương tự - LM3207TLX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3207TLX NSC-LM3207TLX Datasheet
1Mb / 24P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
LM3207TLX-2.53 NSC-LM3207TLX-2.53 Datasheet
1Mb / 24P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
More results

Mô tả tương tự - LM3207TLX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3207 NSC-LM3207_07 Datasheet
1Mb / 24P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
[Old version datasheet]   LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com