công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1D-0509S bảng dữ liệu(PDF) 1 Page - AIMTEC |
|
AM1D-0509S bảng dữ liệu(HTML) 1 Page - AIMTEC |
1 / 3 page 14 TO ORDER CALL 1-888-9-AIMTEC AM1D Series 1 watt dc-dc converters • 7PIN SIP PACKAGE • LOW RIPPLE & NOISE • HIGH EFFICIENCY UP TO 80% • INPUT/OUTPUT ISOLATION: 1000, 3000, 4000 & 5200VDC • OPERATING TEMPERATURE: -40°C ... +85°C • PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS GENERAL DESCRIPTION Our AM1D series is a family of cost effective 1W single, dual, dual separate output isolated DC-DC converters. These converters achieve low cost and ultra-miniature SIP7 pin size without compromising performance and reliability. Two hundred sixteen models operates from input voltages of 5, 12 & 24VDC; producing output voltage levels of 3.3, 5, 7.2, 9, 12, 15, 18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 & ±24VDC. Full SMD-design and a 100% production test of parameters ensures a high reliability in this product. ELECTRICAL SPECIFICATIONS Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified MTBF: > 1,191,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C) Specifications are subject to change without notification Isolation Specifications: Rated voltage (60 sec) 1000VDC (all models) 3000, 4000 & 5200VDC (single/dual output) Resistance > 1000MOhm Capacitance 60pF, typ. Environmental Specifications: Operating temperature (ambient) -40°C ... +85°C Storage temperature -55°C ... +125°C Case Temperature +95°C, max. Derating None required Humidity (non-condensing) Up to 90% Cooling Free-air Convection Input Specifications: Voltage ±10% Filter Capacitor Output Specifications: Voltage balance (dual output) ±1% Voltage accuracy ±5%, max Ripple & noise (at 20MHz BW) 75mVp-p, max. Short circuit protection Momentary Line voltage regulation ±1.2% / 1.0% of Vin Load voltage regulation ±8%, load=20~100% Temperature coefficient ±0.02%/°C, typ. General Specifications: Efficiency 65% to 80% Switching frequency 125KHz, typ. 100% load Physical Specifications: Dimensions 19.50x6.00x10.00mm 0.76x0.24x0.39inches Weight 2g Case material Non-conductive black plastic OUTLINE DIMENSIONS & PIN CONNECTIONS Pin 1000VDC Single Dual Dual Separate Single Dual +V Input -V Input -V Output Omitted +V Output Omitted +V Input -V Input -V Output Common +V Output Omitted +V Input -V Input +V1 Output -V1 Output +V2 Output -V2 Output +V Input -V Input Omitted -V Output Omitted +V Output +V Input -V Input Omitted -V Output Common +V Output 1 2 4 5 6 7 3000, 4000 & 5200VDC |
Số phần tương tự - AM1D-0509S |
|
Mô tả tương tự - AM1D-0509S |