công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
564-0X00-XXX bảng dữ liệu(PDF) 2 Page - Dialight Corporation |
|
564-0X00-XXX bảng dữ liệu(HTML) 2 Page - Dialight Corporation |
2 / 8 page 4-44 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com Peak IV VF Test Viewing LED Part Number Color Wavelength nm mcd Volts Current (mA) Angle 2 Θ Θ½ Data sheet Page # Red 635 10 2* 10 60° 521-9216 4-58 564-0100-xxx Green 565 12.6 2.1* 10 60° 521-9210 4-58 Yellow 585 10 2.1* 10 60° 521-9211 4-58 Orange 600 7 2.2 10 60° 521-9498 4-58 Blue 428 12 3.5 10 70° 521-9831 4-57 * IF = 20mA 564-0x00-xxx HIGH EFFICIENCY Peak IV VF Test Viewing LED Part Number Color Wavelength nm mcd Volts Current (mA) Angle 2 Θ Θ½ Data sheet Page # Red 635 1.6 1.7 2 60° 521-9324 4-60 564-0200-xxx Green 565 1.6 1.9 2 60° 521-9326 4-60 Yellow 585 1.6 1.8 2 60° 521-9325 4-60 LOW CURRENT Peak IV Test Forward Viewing LED Part Number Color Wavelength nm mcd Voltage Current (mA) Angle 2 Θ Θ½ Data sheet Page # Red 635 29 5 10 60° 521-9215 4-59 564-0300-xxx Green 565 19 5 10 60° 521-9323 4-59 Yellow 585 12.6 5 10 60° 521-9322 4-59 INTEGRAL RESISTOR, 5 VOLTS Peak IV VF Test Viewing LED Part Number Color Wavelength nm mcd Volts Current (mA) Angle 2 Θ Θ½ Data sheet Page # 564-0700-111 Red/Green 635/565 4.7/10 2/2.1 10 50° 521-9459 4-63 564-0700-444 Yellow/Green 585/565 4.3/6.3 2.1*/2.1* 10 80° 521-9478 4-62 BI-COLOR Typical Operating Characteristics (TA=25°C) See LED data sheet for additional information See Pages 4-73 and 4-74 for LED Drive Circuit Examples See Page 4-72 for Pin Out * IF = 20mA |
Số phần tương tự - 564-0X00-XXX |
|
Mô tả tương tự - 564-0X00-XXX |