công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG659YRQ-REEL7 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADG659YRQ-REEL7
Giải thích chi tiết về linh kiện  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG659YRQ-REEL7 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADG659YRQ-REEL7 Datasheet HTML 3Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 4Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 5Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 6Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 7Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 8Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 9Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 10Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADG658/ADG659
Rev. A | Page 7 of 20
SPECIFICATIONS: SINGLE SUPPLY 2.7 TO 3.6 V
VDD = 2.7 to 3.6 V, VSS = 0 V, GND = 0 V, unless otherwise noted.1
Table 3.
Parameter
+25°C
B Version
−40°C
to +85°C
Y Version
−40°C
to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
VDD = 2.7 V, VSS = 0 V
On Resistance (RON)
185
Ω typ
VS = 0 V to 2.7 V, IS = 0.1 mA;
300
350
400
Ω max
Test Circuit 1
On Resistance Match between
2
Ω typ
VS = 1.5 V, IS = 0.1 mA
Channels (
∆RON)
4.5
6
7
Ω max
LEAKAGE CURRENTS
VDD = 3.3 V
Source OFF Leakage IS (OFF)
±0.005
nA typ
VS = 1 V/3 V, VD = 3 V/1 V;
±0.2
±5
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.005
nA typ
VS = 1 V/3 V, VD = 3 V/1 V;
ADG658
±0.2
±5
nA max
Test Circuit 3
ADG659
±0.1
±2.5
nA max
Channel ON Leakage ID, IS (ON)
±0.005
nA typ
VS = VD = 1 V or 3 V, Test Circuit 4
ADG658
±0.2
±5
nA max
ADG659
±0.1
±2.5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.5
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±1
µA max
CIN, Digital Input Capacitance
2
pF typ
DYNAMIC CHARACTERISTICS2
tTRANS
200
ns typ
RL = 300 Ω, CL = 35 pF
370
440
490
ns max
VS = 1.5 V; Test Circuit 7
tON (EN)
230
ns typ
RL = 300 Ω, CL = 35 pF
370
440
490
ns max
VS = 1.5 V; Test Circuit 7
tOFF (EN)
50
ns typ
RL = 300 Ω, CL = 35 pF
80
90
110
ns max
VS = 1.5 V; Test Circuit 7
Break-Before-Make Time Delay, tBBM
200
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 1.5 V; Test Circuit 6
Charge Injection
1
pC typ
VS = 1.5 V, RS = 0 Ω, CL = 1 nF;
2
pC max
Test Circuit 8
Off Isolation
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Test Circuit 9
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF; f = 1 MHz;
(ADG659)
Test Circuit 11
−3 dB Bandwidth
ADG658
160
MHz typ
RL = 50 Ω, CL = 5 pF;
ADG659
300
MHz typ
Test Circuit 10
CS (OFF)
5
pF typ
f = 1 MHz
CD (OFF)
ADG658
29
pF typ
f = 1 MHz
ADG659
15
pF typ
f = 1 MHz
CD, CS (ON)
ADG658
30
pF typ
f = 1 MHz
ADG659
16
pF typ
f = 1 MHz


Số phần tương tự - ADG659YRQ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG659YRQ-REEL7 AD-ADG659YRQ-REEL7 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
More results

Mô tả tương tự - ADG659YRQ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com